Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2ASM-800 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # E5CC-RX2ASM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2ASM-800 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button E5CC-RX2ASM-800 Datasheet HTML 15Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 16Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 17Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 18Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 19Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 20Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 21Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 22Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
E5EC-800
19
Communications Specifications
*
The baud rate, data bit length, stop bit length, and vertical parity can be in-
dividually set using the Communications Setting Level.
Current Transformer (Order Separately)
Ratings
Heater Burnout Alarms and SSR Failure
Alarms
*1. For heater burnout alarms, the heater current will be measured when the
control output is ON, and the output will turn ON if the heater current is
lower than the set value (i.e., heater burnout detection current value).
*2. For SSR failure alarms, the heater current will be measured when the
control output is OFF, and the output will turn ON if the heater current is
higher than the set value (i.e., SSR failure detection current value).
*3. The value is 30 ms for a control period of 0.1 s or 0.2 s.
*4. The value is 35 ms for a control period of 0.1 s or 0.2 s.
Transmission line
connection method
RS-485: Multipoint
Communications
RS-485 (two-wire, half duplex)
Synchronization
method
Start-stop synchronization
Protocol
CompoWay/F, or Modbus
Baud rate
19200, 38400, or 57600 bps
Transmission
code
ASCII
Data bit length*
7 or 8 bits
Stop bit length*
1 or 2 bits
Error detection
Vertical parity (none, even, odd)
Block check character (BCC) with
CompoWay/F or CRC-16 Modbus
Flow control
None
Interface
RS-485
Retry function
None
Communications
buffer
217 bytes
Communications
response wait time
0 to 99 ms
Default: 20 ms
Dielectric strength
1,000 VAC for 1 min
Vibration resistance
50 Hz, 98 m/s2
Weight
E54-CT1: Approx. 11.5 g,
E54-CT3: Approx. 50 g
Accessories
(E54-CT3 only)
Armatures (2)
Plugs (2)
CT input (for heater
current detection)
Models with detection for singlephase
heaters: One input
Models with detection for singlephase or
three-phase heaters: Two inputs
Maximum heater
current
50 A AC
Input current indica-
tion accuracy
±5% FS ±1 digit max.
Heater burnout
alarm setting range
*1
0.1 to 49.9 A (in units of 0.1 A)
Minimum detection ON time: 100 ms *3
SSR failure alarm
setting range *2
0.1 to 49.9 A (in units of 0.1 A)
Minimum detection OFF time: 100 ms *4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com