Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2ASM-800 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # E5CC-RX2ASM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2ASM-800 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E5CC-RX2ASM-800 Datasheet HTML 28Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 29Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 30Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 31Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 32Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 33Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 34Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 35Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 36Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
E5CC/E5EC-800
32
Mounting the Terminal Cover
E5CC
Slightly bend the E53-COV23 Terminal Cover to attach it to the
terminal block as shown in the following diagram. The Terminal Cover
cannot be attached in the opposite direction. E53-COV17 Terminal
Cover can be also attached.
Make sure that the "UP" mark is facing up, and then attach the E53-
COV17 Terminal Cover to the holes on the top and bottom of the
Digital Temperature Controller.
E5EC
Slightly bend the E53-COV24 Terminal Cover to attach it to the
terminal block as shown in the following diagram. The Terminal Cover
cannot be attached in the opposite direction.
●Precautions when Wiring
• Separate input leads and power lines in order to prevent external
noise.
• Use a shielded, AWG24 to AWG18 (cross-sectional area of 0.205
to 0.8231 mm2) twisted-pair cable.
• Use crimp terminals when wiring the terminals.
• Use the suitable wiring material and crimp tools for crimp terminals.
• Tighten the terminal screws to a torque of 0.43 to 0.58 N•m.
• Use the following types of crimp terminals for M3 screws.
Adapter
Terminal Cover
(E53-COV17)
(Sold separately)
E53-COV17
E53-COV23
Enlarged illustration of
Terminal Section
Enlarged illustration of
Slightly bend the
E53-COV24 Terminal
Cover in the direction
shown by the arrows to
attach it to the terminal block.
5.8 mm max.
5.8 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com