Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2ASM-800 Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # E5CC-RX2ASM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2ASM-800 Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button E5CC-RX2ASM-800 Datasheet HTML 24Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 25Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 26Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 27Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 28Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 29Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 30Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 31Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
E5CC/E5EC-800
28
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
SS
S
S
alt2
2
25
0
init
off
a1lt
off
a2lt
off
hsu
on
hsl
off
hsh
0.1
pvrp
20
hctm
off
mspu
off
spru
m
rest
a
ret
off
alh2
0.2
ev-1
msp0
ev-2
stop
ev-3
none
ev-4
none
o1st
4-20
o2st
4-20
amov
0
sb1n
n-o
sb2n
n-o
hbu
on
hbl
off
hbh
0.1
st-b
15.0
alfa
0.65
tidu
1
inf
0.0
mav
off
o-dp
off
prlt
3
a1on
0
a2on
0
a1of
0
a2of
0
amad
off
mant
hold
mani
0.0
cjc
on
lba
0
lbal
8.0
lbab
3.0
out1
o
out2
none
sub1
alm1
sub2
alm2
alma
49
t-u
m
alsp
sp-m
pf
shft
spd1
4
spd2
0
odsl
o
pvdp
on
pvst
off
svst
off
d.ref
0.25
ompw
1.0
Press the
O Key for at least 1 s.
Advanced Function Setting Level
Alarm 1 Latch
Alarm 2 Latch
Move to Protect Level
Time
HS Alarm Latch
HS Alarm Hysteresis
LBA Detection Time
LBA Level
LBA Band
Control Output 1
Assignment
Control Output 2
Assignment
HS Alarm Use
Parameter Initialization
Heater Burnout Latch
Number of Multi-SP
Points
SP Ramp Time Unit
Standby Sequence
Reset
Auxiliary Output 1
Open in Alarm
Auxiliary Output 2
Open in Alarm
Heater Burnout
Hysteresis
HB ON/OFF
PF Setting
"PV/SP (1)" Display
Screen Selection
MV Display Selection
PV Decimal Point
Display
PV Status Display
Function
SV Status Display
Function
"PV/SP (2)" Display
Screen Selection
Input Digital Filter
ST Stable Range
α
Integral/Derivative
Time Unit
Alarm 1 ON Delay
Alarm 2 ON Delay
Alarm 1 OFF Delay
Alarm 2 OFF Delay
Auxiliary Output 1
Assignment
Auxiliary Output 2
Assignment
Soak Time Unit
Alarm SP Selection
Integrated Alarm
Assignment
Moving Average Count
Auto/Manual Select
Addition
Manual Output Method
Manual MV Initial Value
Monitor/Setting
Item Display 1
Note: The monitor/setting items to be displayed is set in the Monitor/Setting Item 1 to 5 parameters (advanced function setting level).
Monitor/Setting
Item Display 2
Monitor/Setting
Item Display 3
Monitor/Setting
Item Display 4
Monitor/Setting
Item Display 5
Monitor/Setting Item Level
Alarm 2 Type
Move to Advanced
Function Setting Level:
Displayed when initial setting/
communications protect is set to 0.
Move by setting password (−169).
Event Input
Assignment 1
Event Input
Assignment 2
Alarm 2 Hysteresis
Event Input
Assignment 3
Event Input
Assignment 4
Display Refresh Period
PV Rate of Change
Calculation Period
Heating/Cooling
Tuning Method
Minimum Output
ON/OFF Band
Automatic Display
Return Time
MV Display
Control Output 1
Signal Type
Control Output 2
Signal Type
(E5EC only)
(E5EC only)
Cold Junction
Compensation Method
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
in-t
5
in-h
100
in-l
0
dp
0
d-u
c
sl-h
1300
sl-l
-200
cntl
onof
s-hc
stnd
st
on
cp
20
c-cp
20
orev
or-r
alt1
2
alh1
0.2
Press the
O Key less than 1 s.
ST
Input Type
Control Period (Heating)
Scaling Upper Limit
Scaling Lower Limit
Decimal Point
Temperature Unit
SP Upper Limit
SP Lower Limit
PID ON/OFF
Standard or
Heating/Cooling
Control Period (Cooling)
Direct/Reverse Operation
For input type of analog
Limit the set point
For input type of
temperature, standard
control, or PID
Set the ON/OFF
output cycle.
Temperature for
°C or °F input type.
Alarm 1
Hysteresis
Alarm 1 Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com