Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2ASM-800 Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # E5CC-RX2ASM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2ASM-800 Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button E5CC-RX2ASM-800 Datasheet HTML 20Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 21Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 22Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 23Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 24Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 25Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 26Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 27Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
E5EC-800
24
● Current Transformers
E54-CT3 Accessory
• Armature
30
21
15
5.8 dia.
25
3
40
10.5
2.8
7.5
10
Two, 3.5 dia.
40 × 40
30
12 dia.
9
2.36 dia.
15
30
Two, M3 (depth: 4)
Approx. 3 dia.
18
(22)
Approx. 6 dia.
Plug
Armature
Lead
E54-CT1
E54-CT3
Connection Example
•Plug
Thru-current (Io) vs. Output Voltage (Eo)
(Reference Values)
E54-CT1
Maximum continuous heater current: 50 A (50/60 Hz)
Number of windings:
400
±2
Winding resistance:
18
±2 Ω
Thru-current (Io) A (r.m.s.)
1
10
100mA
1
10
100 1,000A
100V
Frequency: 50 Hz
Distortion
factor
10%
3%
1%
100Ω
RL=10Ω
∞
10
1
100mV
10
1
100μV
10
1kΩ
Thru-current (Io) vs. Output Voltage (Eo)
(Reference Values)
E54-CT3
Maximum continuous heater current: 120 A (50/60 Hz)
(Maximum continuous heater current for an OMRON
Digital Temperature Controller is 50 A.)
Number of windings:
400
±2
Winding resistance:
8
±0.8 Ω
Thru-current (Io) A (r.m.s.)
1
10
100mA
1
10
100 1,000A
100V
Frequency: 50 Hz
Distortion
factor
10%
3%
1%
1kΩ
100Ω
50Ω
RL=10Ω
500Ω
∞
10
1
100mV
10
1
100μV
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com