Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2ASM-800 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # E5CC-RX2ASM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2ASM-800 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button E5CC-RX2ASM-800 Datasheet HTML 18Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 19Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 20Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 21Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 22Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 23Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 24Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 25Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
E5EC-800
22
Dimensions
(Unit: mm)
Controllers
1
4
Mounting Adapter
(Accessory)
Waterproof
Packing (Accessory)
96
48
60
44
91
110
(64)
E5EC
92-0.8
0
92+0.8
0
45+0.6
0
120 min.
(48 × number of units − 2.5)+1.0
0
Group mounting does not
allow waterproofing.
Mounted Separately
Group Mounted *
• Recommended panel thickness is 1 to 8 mm.
• Group mounting is not possible in the vertical direction. (Maintain the specified mounting space between Controllers.)
• To mount the Controller so that it is waterproof, insert the waterproof packing onto the Controller.
• When two or more Controllers are mounted, make sure that the surrounding temperature does not exceed the allowable
operating temperature specified in the specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com