Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2ASM-800 Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # E5CC-RX2ASM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2ASM-800 Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button E5CC-RX2ASM-800 Datasheet HTML 23Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 24Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 25Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 26Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 27Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 28Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 29Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 30Page - Omron Electronics LLC E5CC-RX2ASM-800 Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
E5CC/E5EC-800
27
Operation
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
25
0
C
25
0
l.adj
ins
0.0
c-p
8.0
c-i
233
c-d
40
M
M
M
p
8.0
i
233
d
40
c-db
0.0
of-r
50.0
hys
1.0
chys
1.0
pmov
0
oapt
0
icpt
1
wtpt
off
pfpt
off
M
chgp
off
M
M
sprt
off
ol-h
100.0
ol-l
0.0
at
off
cmwt
off
ct1
0.0
M
hb1
0.0
lcr1
0
hs1
50.0
sp-0
0
sp-1
0
sp-2
0
sp-3
0
sp-4
0
sp-5
0
sp-6
0
sp-7
0
M
sp-3
0
r-s
run
al-1
0
al1h
0
al1l
0
al-2
0
al2h
0
al2l
0
M
o
0.0
c-o
0.0
25
0
a-m
m-sp
0
ct-1
0.0
lcr1
0.0
PID
Control
only
Press the
S Key
for at least 1 s. *1
Press the
O
Key or the
S
Key for at least
1 s. *1
Operation Level
Power ON
Starting in manual mode.
Adjustment Level
Press the
O Key less than 1 s.
Press the
O Key less than 1 s.
PV/MV
Starting in
automatic
mode.
Adjustment Level Display
Displayed only once when
entering adjustment level.
Manual Control Level
Press the
S Key *2
Press the
S Key *2
Press the
O Key
for at least 3 s.
Press the
O and
M Keys for at least 3 s.
Proportional Band
(Cooling)
Protect Level
Note: The time ta ken to move to the protect level can be
adjusted by changing the "Move to protect level time" setting.
*1. When the PF Setting parameter is set to A-M.
*2. When the PF Setting parameter is set to PFDP.
*3. These parameters are displayed regardless of
the setting of the Protocol Setting parameter.
Move to Protect Level:
Operation/Adjustment Protect:
Initial Setting/Communications Protect:
Setting Change Protect:
Displayed only when a password is set.
Restricts moving to protect level.
Restricts displaying and modifying menus in
operation, adjustment, and manual control levels.
This protect level restricts movement to the initial
setting, communicationssetting, and advanced
function setting levels.
Protects changes to setups by
operating the front panel keys.
PF Key Protect
AT Execute/Cancel
Communications
Writing
Heater Current 1
Value Monitor
Leakage Current
1 Monitor
Heater Burnout
Detection 1
HS Alarm 1
SP 0
SP 1
SP 2
SP 3
SP 4
SP 5
SP 6
SP 7
Integral Time
(Cooling)
Derivative Time
(Cooling)
Dead Band
Manual Reset Value
Clear the offset during
stabilization of P or PD
control.
Hysteresis (Heating)
Hysteresis (Cooling)
MV Upper Limit
MV Lower Limit
Hysteresis settings
Process Value
Input Shift
Process Value/Set
Point (1)
Process Value/Set
Point (2)
Auto/Manual Switch
PID 1 control only.
Added for Auto/Manual
Switch Display Addition.
Heater Current 1 Value
Monitor
Leakage Current 1
Monitor
Multi-SP Set Point
Setting
Alarm
Value 1
Alarm Value
Upper Limit 1
Alarm Value
Lower Limit 1
Alarm
Value 2
Alarm Value
Upper Limit 2
Alarm Value
Lower Limit 2
MV Monitor
(Heating)
MV Monitor
(Cooling)
Press the
O and
M Keys for at least 1 s.
Proportional Band
Integral Time
Derivative Time
PID settings
SP Ramp Set Value
RUN/STOP
Display Changed Parameters
Press the
O Key
less than 1 s.
Communications Setting Level
Note: Displayed only for models with communications. Changes
are effective after cycling power or after a software reset.
M
M
M
len
7
sbit
2
prty
even
Communications
Data Length
*3
Communications
Stop Bits
*3
Communications
Parity
*3
Initial Setting Level
Press the
O Key for at least 3 s.
Press the
O Key for
at least 1 s.
Other than the Auto/Manual Switch display
M
M
M
M
M
Protocol Setting
*3
Communications
Unit No.
*3
Communications
Baud Rate
*3
Send Data Wait
Time
*3
Maximum
Communications
Unit No.
Area
M
M
M
M
First Address
Upper Word
First Address
Lower Word
Receive Data
Wait Time
Upload Setting 1
M
M
M
M
Upload Setting 13
Download Setting 1
Download Setting 13
Copy
M
psel
fins
u-no
0
bps
57.6
sdwt
20
maxu
0
adrh
0
adrl
0
rwat
1000
area
0
up13
0
dn 1
0
dn13
1000
copy
off
up 1
0
M
Communications
Node Number
unit
0
Parameters
The related setting items in each level are described below. If you press the Mode Key at the last setting item, the display will return to the first
setting item in the same level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com