Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABGW311-R Datasheet(PDF) 19 Page - IDEC Corporation

Part # ABGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABGW311-R Datasheet(HTML) 19 Page - IDEC Corporation

Back Button ABGW311-R Datasheet HTML 15Page - IDEC Corporation ABGW311-R Datasheet HTML 16Page - IDEC Corporation ABGW311-R Datasheet HTML 17Page - IDEC Corporation ABGW311-R Datasheet HTML 18Page - IDEC Corporation ABGW311-R Datasheet HTML 19Page - IDEC Corporation ABGW311-R Datasheet HTML 20Page - IDEC Corporation ABGW311-R Datasheet HTML 21Page - IDEC Corporation ABGW311-R Datasheet HTML 22Page - IDEC Corporation ABGW311-R Datasheet HTML 23Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
714
www.IDEC.com
1904032203
Non-Illuminated Selector Switches (Assembled) continued
3-Position Selector Switches
Style
Part Number
Operator Position
Maintained
Spring Return from Right
Spring Return from Left
Spring Return Two-Way
L
C
R
L
C
R
L
C
R
L
C
R
L
C
R
2NO
1
2
X
O
O
O
O
X
Knob
Lever
Key
ASW320
ASW3L20
ASW3K20
ASW3120
ASW31L20
ASW31K20
ASW3220
ASW32L20
ASW32K20
ASW3320
ASW33L20
ASW33K20
2NC
1
2
O
X
X
X
X
O
Knob
Lever
Key
ASW302
ASW3L02
ASW3K02
ASW3102
ASW31L02
ASW31K02
ASW3202
ASW32L02
ASW32K02
ASW3302
ASW33L02
ASW33K02
2NO
2NC
1
2
3
4
X
O
O
X
O
O
X
X
O
X
X
O
Knob
Lever
Key
ASW322
ASW3L22
ASW3K22
ASW3122
ASW31L22
ASW31K22
ASW3222
ASW32L22
ASW32K22
ASW3322
ASW33L22
ASW33K22
2NO
2NC
1
2
3
4
X
X
O
O
O
X
X
O
X
O
O
X
Knob
Lever
Key
ASW322-309
ASW3L22-309
ASW3K22-309
ASW3122-309
ASW31L22-309
ASW31K22-309
ASW3222-309
ASW32L22-309
ASW32K22-309
ASW3322-309
ASW33L22-309
ASW33K22-309
2NO
2NC
1
2
3
4
O
O
O
O
X
O
X
O
O
X
O
X
Knob
Lever
Key
ASW322-310
ASW3L22-310
ASW3K22-310
ASW3122-310
ASW31L22-310
ASW31K22-310
ASW3222-310
ASW32L22-310
ASW32K22-310
ASW3322-310
ASW33L22-310
ASW33K22-310
4NO
1
2
3
4
X
O
X
O
O
O
O
O
O
X
O
X
Knob
Lever
Key
ASW340
ASW3L40
ASW3K40
ASW3140
ASW31L40
ASW31K40
ASW3240
ASW32L40
ASW32K40
ASW3340
ASW33L40
ASW33K40
4NC
1
2
3
4
O
X
O
X
X
X
X
X
X
O
X
O
Knob
Lever
Key
ASW304
ASW3L04
ASW3K04
ASW3104
ASW31L04
ASW31K04
ASW3204
ASW32L04
ASW32K04
ASW3304
ASW33L04
ASW33K04
1. The truth table indicates the operating position of contact block when the operator is switched to that position.
X = On (closed contacts)
O = Off (open contacts)
X
X = Overlapping Contacts: Remain on (closed contacts) when switch is moved between these two positions.
2. All knob and lever selector switches come in black. Other colors are available by ordering the knob or lever separately.
3. Every key selector switch uses an identical key. The key is removable in any maintained position.
4. Custom contact configurations are available, see page 720.
4-Position Selector Switch
Style
Maintained
Operator Position
Part Number
1
2
3
4
1
2
3
4
2NO
2NC
1
2
3
4
X
O
O
O
O
X
O
O
O
O
X
O
O
O
O
X
Knob
Lever
ASW422-411
ASW4L22-411
5-Position Selector Switch
Style
Maintained
Operator Position
Part Number
1
2
3
4
5
1
2 3 4
5
2NO
2NC
1
2
3
4
X
O
O
O
O
X
O
O
O
O
O
O
O
O
X
O
O
O
O
X
Knob
Lever
ASW522-501
ASW5L22-501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com