Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABGW311-R Datasheet(PDF) 34 Page - IDEC Corporation

Part # ABGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABGW311-R Datasheet(HTML) 34 Page - IDEC Corporation

Back Button ABGW311-R Datasheet HTML 30Page - IDEC Corporation ABGW311-R Datasheet HTML 31Page - IDEC Corporation ABGW311-R Datasheet HTML 32Page - IDEC Corporation ABGW311-R Datasheet HTML 33Page - IDEC Corporation ABGW311-R Datasheet HTML 34Page - IDEC Corporation ABGW311-R Datasheet HTML 35Page - IDEC Corporation ABGW311-R Datasheet HTML 36Page - IDEC Corporation ABGW311-R Datasheet HTML 37Page - IDEC Corporation ABGW311-R Datasheet HTML 38Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
729
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Item
Appearance
Description/Usage
Part Number
Metal Button Guard
Used on flush buttons to prevent inadvertent actuation
OLW-C
Terminal Tab Adaptor
Quick- connect terminals
#250 (17/64” x 3/64”) single tab
TW-FA4
Lock-out Adaptor
Used to provide lock-out protection for pushbuttons and knob selector switches:
• Up to Ø 40mm mushroom head size
(Padlock not included.)
Not applicable for e-stops.
HW9Z-KL1
22mm to 30mm Adaptor
Used to mount TW series control unit (except square units) Ø 7/8” (22mm) into a Ø
1-13/64” (30mm) panel cut-out.
TWN-A1R8
Contact Blocks
(with side entry)
These contacts are applicable for wires terminated by ring, fork,
not recommended for bare wire connections.
1NC
1NO
HW-U01
HW-U01-MAU
HW-U01R
HW-U01R-MAU
(with side entry)
HW-U10
HW-U10-MAU
HW-U10R
HW-U10R-MAU
(with side entry)
Contact Blocks
(without side entry)
These contacts are applicable for wires terminated by ring, fork, or ferule terminals,
and also bare wire connections.
HW-U01-F
HW-U01-MAU-F
HW-U01R-F
HW-U01R-MAU-F
(no side entry)
HW-U10-F
HW-U10-MAU-F
HW-U10R-F
HW-U10R-MAU-F
(no side entry)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com