Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABGW311-R Datasheet(PDF) 23 Page - IDEC Corporation

Part # ABGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABGW311-R Datasheet(HTML) 23 Page - IDEC Corporation

Back Button ABGW311-R Datasheet HTML 19Page - IDEC Corporation ABGW311-R Datasheet HTML 20Page - IDEC Corporation ABGW311-R Datasheet HTML 21Page - IDEC Corporation ABGW311-R Datasheet HTML 22Page - IDEC Corporation ABGW311-R Datasheet HTML 23Page - IDEC Corporation ABGW311-R Datasheet HTML 24Page - IDEC Corporation ABGW311-R Datasheet HTML 25Page - IDEC Corporation ABGW311-R Datasheet HTML 26Page - IDEC Corporation ABGW311-R Datasheet HTML 27Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
718
www.IDEC.com
1904032203
Illuminated Selector Switches (Sub-Assembled)
Transformer*
+
Contact Block
+
Operator
+ Lamp/Lead Holder† +
LED
+
Lens
=
Complete Part
*Full voltage units use a full voltage adaptor
TW-DA1FB (even number of blocks)
OR
HW-DA1FBN (odd number of blocks) instead of a transformer.
†
Lamp holder is not included with operators, order separately.
Operators
Style
Positions
Description
Part Number
2
Maintained
ASLW200
Spring return from right
ASLW2100
Spring return from left
ASLW2200
3
Maintained, cam 1
Maintained, cam 2
Maintained, cam 3
ASLW300-1
ASLW300-2
ASLW300-3
Spring return from right, cam 1
Spring return from right, cam 2
ASLW3100-1
ASLW3100-2
Spring return from left, cam 1
Spring return from left, cam 2
ASLW3200-1
ASLW3200-2
Spring return from left/right, cam 1
Spring return from left/right, cam 2
ASLW3300-1
ASLW3300-2
Different cams produce different contact action. For details, see Contact Arrangements
on page 720.
Lenses (Knobs)
Style
Part Number
Knob
ASLWLU-k
In place of k, specify the lens color code from table.
Lamps
Style
Voltage
Part Number
LED
6V AC/DC
LSTD-6k
12V AC/DC
LSTD-1k
24V AC/DC
LSTD-2k
120V AC
LSTD-H2k
240V AC
LSTD-M4k
1. In place of k, specify the LED color code.
2. The LED contains a current-limiting resistor and a
protection diode.
k
LED/Lens Color Codes
Color
Code
Amber
A
Green
G
Red
R
Blue
S
White
W
Yellow
Y
Yellow LED not available. Use
white LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com