Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABGW311-R Datasheet(PDF) 25 Page - IDEC Corporation

Part # ABGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABGW311-R Datasheet(HTML) 25 Page - IDEC Corporation

Back Button ABGW311-R Datasheet HTML 21Page - IDEC Corporation ABGW311-R Datasheet HTML 22Page - IDEC Corporation ABGW311-R Datasheet HTML 23Page - IDEC Corporation ABGW311-R Datasheet HTML 24Page - IDEC Corporation ABGW311-R Datasheet HTML 25Page - IDEC Corporation ABGW311-R Datasheet HTML 26Page - IDEC Corporation ABGW311-R Datasheet HTML 27Page - IDEC Corporation ABGW311-R Datasheet HTML 28Page - IDEC Corporation ABGW311-R Datasheet HTML 29Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
720
www.IDEC.com
1904032203
Contact Arrangement Charts
How to Read Contact Arrangement Charts
To determine contact block mounting position, first make sure the selector switch is oriented as shown on the right
Contact Arrangement
Type and quantity of switch
contacts
Circuit Number
* N/D = No
designation required
Contact Block
Mounting Position
Position or mounting contact
blocks on operator.
Operator Position
Truth table indicates the
operating position of contact
block when operator is
switched to that position
(X - closed, O - open).
Contact Block
Part Number
Part number to use when
ordering sub-assembly contact
blocks, as required for use
with corresponding mounting
position
Contact Arrangement Chart: 2-Position Selector Switches
Style
Mounting
Position
Operator
Position
Contact Block
Part Number
Description
Operator Part Number
Contact
Circuit
Number
Maintained
Spring Ret.
from Rt.
Spring Ret.
from Lt.
L
R
L
R
L
R
L
R
1NO
N/D
1
O
X
HW-U10-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
O
O
HW-DB
1NC
116
1
X
O
HW-U01-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
O
O
HW-DB
1NO
1NC
N/D
1
O
X
HW-U10-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
X
O
HW-U01-F
103
1
X
O
HW-U01-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
O
X
HW-U10-F
1NO-EM
1NC-LB
600
1
O
X
HW-U10R-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
X
O
HW-U01R-F
601
1
X
O
HW-U01R-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
O
X
HW-U10R-F
2NO
N/D
1
O
X
HW-U10-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
O
X
HW-U10-F
2NC
104
1
X
O
HW-U01-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
X
O
HW-U01-F
2NO
2NC
N/D
1
O
X
HW-U10-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
X
O
HW-U01-F
3
O
X
HW-U10-F
4
X
O
HW-U01-F
111
1
O
X
HW-U10-F
Knob/Lever
Key
Illuminated Knob
ASW200
ASW2K00
ASLW200
ASW2100
ASW21K00
ASLW2100
ASW2200
ASW22K00
ASLW2200
2
O
X
HW-U10-F
3
X
O
HW-U01-F
4
X
O
HW-U01-F
1. NO-EM, NC-LB = Early Make, Late Break.
N/D = No circuit number designation required in assembled selector switch part number.
2. X = On (closed contacts) O = Off (Open contacts)
L
3
4
1
2
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com