Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABGW311-R Datasheet(PDF) 7 Page - IDEC Corporation

Part # ABGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABGW311-R Datasheet(HTML) 7 Page - IDEC Corporation

Back Button ABGW311-R Datasheet HTML 3Page - IDEC Corporation ABGW311-R Datasheet HTML 4Page - IDEC Corporation ABGW311-R Datasheet HTML 5Page - IDEC Corporation ABGW311-R Datasheet HTML 6Page - IDEC Corporation ABGW311-R Datasheet HTML 7Page - IDEC Corporation ABGW311-R Datasheet HTML 8Page - IDEC Corporation ABGW311-R Datasheet HTML 9Page - IDEC Corporation ABGW311-R Datasheet HTML 10Page - IDEC Corporation ABGW311-R Datasheet HTML 11Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
702
www.IDEC.com
1904032203
Stop Switches (Assembled), continued
Non-Illuminated Stop Switches
Style
Contacts
Part Number
Ø 40mm Pushlock
Turn Reset*
1NO
1NC
1NO-1NC
2NO
2NC
AVW410-R*
AVW401-R*
AVW411-R*
AVW420-R*
AVW402-R*
Ø 29mm Pushlock
Turn Reset*
1NO
1NC
1NO-1NC
2NO
2NC
AVW310-R*
AVW301-R*
AVW311-R*
AVW320-R*
AVW302-R*
Ø 40mm Push-Pull
1NO
1NC
1NO-1NC
2NO
2NC
AYW410-j
AYW401-j
AYW411-j
AYW420-j
AYW402-j
Ø 40mm Pushlock
Key Reset *
1NO
1NC
1NO-1NC
2NO
2NC
AXW410- R*
AXW401- R*
AXW411- R*
AXW420- R*
AXW402- R*
1. *Available in Red only.
2. In place of j, specify the Button Color Code from table.
3. For sub-assembled part numbers, see next page.
4. For accessories, see page 728.
5. For dimensions, see page 730.
Illuminated Stop Switches
Style
Type
Contacts
Part Number
Ø 40mm Pushlock
Turn Reset Type
Transformer
1NO-1NC
2NO
2NC
AVLW4 m 11D-R*
AVLW4 m 20D-R*
AVLW4 m 02D-R*
Full Voltage
1NO-1NC
2NO
2NC
AVLW49911D-R*-l
AVLW49920D-R*-l
AVLW49902D-R*-l
Ø 29mm Pushlock
Turn Reset
Transformer
1NO-1NC
2NO
2NC
AVLW3m11D-R*
AVLW3m20D-R*
AVLW3m02D-R*
Full Voltage
1NO-1NC
2NO
2NC
AVLW39911D-R*-l
AVLW39920D-R*-l
AVLW39902D-R*-l
Ø 40mm Push-Pull
Transformer
1NO-1NC
2NO
2NC
AYLW4 m 11D-k
AYLW4 m 20D-k
AYLW4 m 02D-k
Full Voltage
1NO-1NC
2NO
2NC
AYLW49911D-k-l
AYLW49920D-k-l
AYLW49902D-k-l
1. *Available in red only.
2. In place of k, specify the Lens Color Code (see table above).
3. In place of l, specify the Full Voltage Code (lamp voltage) (see table above).
4. In place of m, specify the Transformer Voltage Code (see table above).
5. For sub-assembly part numbers, see next page.
6. For accessories, see page 728.
7. For dimensions, see page 730.
j
Button Color Codes
Color
Code
Black
B
Green
G
Red
R
Blue
S
White
W
Yellow
Y
k
LED/Lens Color Codes
Color
Code
Amber
A
Green
G
Red
R
Blue
S
White
W
l
Full Voltage Codes
Voltage
Code
6V AC/DC
6V
12V AC/DC
12V
24V AC/DC
24V
120V AC
120V
240V AC
240V
m
Transformer Voltage Codes
Voltage
Code
120VAC
240VAC
480VAC
126
246
486
Transformers step down to 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com