Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABGW311-R Datasheet(PDF) 29 Page - IDEC Corporation

Part # ABGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABGW311-R Datasheet(HTML) 29 Page - IDEC Corporation

Back Button ABGW311-R Datasheet HTML 25Page - IDEC Corporation ABGW311-R Datasheet HTML 26Page - IDEC Corporation ABGW311-R Datasheet HTML 27Page - IDEC Corporation ABGW311-R Datasheet HTML 28Page - IDEC Corporation ABGW311-R Datasheet HTML 29Page - IDEC Corporation ABGW311-R Datasheet HTML 30Page - IDEC Corporation ABGW311-R Datasheet HTML 31Page - IDEC Corporation ABGW311-R Datasheet HTML 32Page - IDEC Corporation ABGW311-R Datasheet HTML 33Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
724
www.IDEC.com
1904032203
Operator Truth Tables
Use the following tables to build custom selector switches.
2 Position Selector Switches
Contact
Mounting
Position
Operator
Position
Left
Right
ASW200
ASLW200
ASW2K00
HW-U10-F
(NO)
L
O
X
R
O
X
HW-U01-F
(NC)
L
X
O
R
X
O
HW-U10R-F
(NO-EM)
L
O
X
R
O
X
HW-U01R-F
(NC-LB)
L
X
O
R
X
O
3 Position Selector Switches
Contact
Mounting
Position
Operator Position
Left
Center Right
ASW300-1
ASW3K00-1
ASLW300-1
HW-U10-F
(NO)
L
X
O
O
R
O
O
X
HW-U01-F
(NC)
L
O
X
X
R
X
X
O
HW-U10R-F
(NO-EM)
L
X
O
O
R
O
O
X
HW-U01R-F
(NC-LB)
L
O
X
X
R
X
X
O
Contact
Mounting
Position
Operator Position
Left
Center Right
ASW300-2
ASW3K00-2
ASLW300-2
HW-U10-F
(NO)
L
X
O
X
R
O
O
X
HW-U01-F
(NC)
L
O
X
O
R
X
X
O
HW-U10R-F
(NO-EM)
L
X
O
X
R
O
O
X
HW-U01R-F
(NC-LB)
L
O
X
O
R
X
X
O
Contact
Mounting
Position
Operator Position
Left
Center Right
ASW300-3
ASW3K00-3
ASLW300-3
HW-U10-F
(NO)
L
X
O
O
R
O
O
X
HW-U01-F
(NC)
L
O
X
O
R
O
X
O
HW-U10R-F
(NO-EM)
L
X
O
X
R
X
O
X
HW-U01R-F
(NC-LB)
L
O
X
X
R
X
X
O
4 Position Selector Switches
Contact
Mounting
Position
Operator Position
1
2
3
4
ASW400
HW-U10-F
(NO)
L
X
O
O
O
R
O
X
O
O
HW-U01-F
(NC)
L
O
X
X
X
R
X
O
X
X
HW-U10R-F
(NO-EM)
L
X
O
O
O
R
O
X
O
O
HW-U01R-F
(NC-LB)
L
O
X
X
X
R
X
O
X
X
Contact
Mounting
Position
Operator Position
1
2
3
4
ASW400-1
HW-U10-F
(NO)
L
X
O
O
O
R
O
O
O
X
HW-U01-F
(NC)
L
O
O
X
O
R
O
X
O
O
HW-U10R-F
(NO-EM)
L
X
X
O
X
R
X
O
X
X
HW-U01R-F
(NC-LB)
L
O
X
X
X
R
X
X
X
O
5 Position Selector Switches
Contact
Mounting
Position
Operator Position
1
2
3
4
5
ASW500
HW-U10-F
(NO)
L
X
O
O
O
O
R
O
X
O
O
O
HW-U01-F
(NC)
L
O
O
X
X
X
R
O
O
O
X
X
HW-U10R-F
(NO-EM)
L
X
O
O
O
O
R
O
X
O
O
O
HW-U01R-F
(NC-LB)
L
O
X
X
X
X
R
X
O
X
X
X
Contact
Mounting
Position
Operator Position
1
2
3
4
5
ASW500-1
HW-U10-F
(NO)
L
X
O
O
O
O
R
O
O
O
O
X
HW-U01-F
(NC)
L
O
O
O
X
O
R
O
X
O
O
O
HW-U10R-F
(NO-EM)
L
X
X
X
O
X
R
X
O
X
X
X
HW-U01R-F
(NC-LB)
L
O
X
X
X
X
R
X
X
X
X
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com