Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5473BCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5473BCZ
Description  Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5473BCZ Datasheet(HTML) 4 Page - Analog Devices

  ADRF5473BCZ Datasheet HTML 1Page - Analog Devices ADRF5473BCZ Datasheet HTML 2Page - Analog Devices ADRF5473BCZ Datasheet HTML 3Page - Analog Devices ADRF5473BCZ Datasheet HTML 4Page - Analog Devices ADRF5473BCZ Datasheet HTML 5Page - Analog Devices ADRF5473BCZ Datasheet HTML 6Page - Analog Devices ADRF5473BCZ Datasheet HTML 7Page - Analog Devices ADRF5473BCZ Datasheet HTML 8Page - Analog Devices ADRF5473BCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
ADRF5473
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 17
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF Phase Settling Time
Frequency = 5 GHz
5°
50% triggered control to 5° of final RF output
160
ns
1°
50% triggered control to 1° of final RF output
180
ns
INPUT LINEARITY1
Frequency = 100 MHz to 30 GHz
0.1 dB Power Compression (P0.1dB)
Insertion Loss State
31
dBm
Other Attenuation States
28
dBm
Third-Order Intercept (IP3)
Two-tone PIN = 14 dBm per tone, Δf = 1 MHz, all
attenuation states
50
dBm
DIGITAL CONTROL INPUTS
LE, PS, D0, D1, D2, D3/SEROUT2, D4/SERIN, and
D5/CLK
Voltage
Low (VINL)
0
0.8
V
High (VINH)
1.2
3.3
V
Current
Low (IINL)
<1
µA
High (IINH)
D0, D1, D2
33
µA
LE, PS, D3/SEROUT2, D4/SERIN, and D5/CLK
<1
µA
DIGITAL CONTROL OUTPUT
D3/SEROUT2
Voltage
Low (VOUTL)
0 ± 0.3
V
High (VOUTH)
VDD ± 0.3
V
Low and High Current (IOUTL and IOUTH)
0.5
mA
SUPPLY CURRENT
VDD and VSS
Positive Supply Current
117
µA
Negative Supply Current
−117
µA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive (VDD)
3.15
3.45
V
Negative (VSS)
−3.45
−3.15
V
Digital Control Voltage
0
VDD
V
RF Power Handling3
Input at ATTIN
26
dBm
31
dBm
23
dBm
27
dBm
Input at ATTOUT
17
dBm
21
dBm
14
dBm
Frequency = 100 MHz to 30 GHz, TDIE4 = 85°C5, all
attenuation states
Steady state average
Steady state peak
Hot switching average
Hot switching peak
Steady state average
Steady state peak
Hot switching average
Hot switching peak
18
dBm
Die Temperature (TDIE)4
−40
+105
°C
1 Input linearity performance degrades over frequency, see Figure 20 to Figure 23.
2 D3/SEROUT is an input in parallel control mode and an output in serial control mode. See Table 6 for the pad function descriptions.
3 For power derating over frequency, see Figure 2 and Figure 3. Applicable for all ATTIN and ATTOUT power specifications.
4 TDIE refers to the bottom of the die on carrier.
5 For 105°C operation, the power handling degrades from the TDIE = 85°C specifications by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com