Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5473BCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5473BCZ
Description  Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5473BCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5473BCZ Datasheet HTML 4Page - Analog Devices ADRF5473BCZ Datasheet HTML 5Page - Analog Devices ADRF5473BCZ Datasheet HTML 6Page - Analog Devices ADRF5473BCZ Datasheet HTML 7Page - Analog Devices ADRF5473BCZ Datasheet HTML 8Page - Analog Devices ADRF5473BCZ Datasheet HTML 9Page - Analog Devices ADRF5473BCZ Datasheet HTML 10Page - Analog Devices ADRF5473BCZ Datasheet HTML 11Page - Analog Devices ADRF5473BCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
ADRF5473
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 8 of 17
Figure 4. Pad Configuration
Table 6. Pad Function Descriptions
Pad No.
Mnemonic
Description
1, 3, 4, 6, 7, 18
GND
Ground. Bonding of these GND pads are optional. See the Applications Information section.
2
ATTIN
Attenuator Input. No dc blocking capacitor is necessary when the RF line potential is equal to 0 V dc. See Figure 7 for the interface
schematic.
5
ATTOUT
Attenuator Output. No dc blocking capacitor is necessary when the RF line potential is equal to 0 V dc. See Figure 7 for the interface
schematic.
8
VSS
Negative Supply Input. See Figure 9 for the interface schematic.
9
VDD
Positive Supply Input. See Figure 8 for the interface schematic.
10
D0
Parallel Control Input for 0.5 dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 6 for the
interface schematic.
11
D1
Parallel Control Input for 1 dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 6 for the
interface schematic.
12
D2
Parallel Control Input for 2 dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 6 for the
interface schematic.
13
D3/SEROUT
Parallel Control Input for 4 dB Attenuator Bit (D3). Serial Data Output (SEROUT). See the Theory of Operation section for more
information. See Figure 5 for the interface schematic.
14
D4/SERIN
Parallel Control Input for 8 dB Attenuator Bit (D4). Serial Data Input (SERIN). See the Theory of Operation section for more
information. See Figure 5 for the interface schematic.
15
D5/CLK
Parallel Control Input for 16 dB Attenuator Bit (D5). Serial Clock Input (CLK). See the Theory of Operation section for more
information. See Figure 5 for the interface schematic.
16
LE
Latch Enable Input. See the Theory of Operation section for more information. See Figure 5 for the interface schematic.
17
PS
Parallel or Serial Control Interface Selection Input. See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
Carrier Bottom
The carrier bottom is gold metalized and must be directly attached to the ground plane using conductive epoxy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com