Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5473BCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5473BCZ
Description  Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5473BCZ Datasheet(HTML) 5 Page - Analog Devices

  ADRF5473BCZ Datasheet HTML 1Page - Analog Devices ADRF5473BCZ Datasheet HTML 2Page - Analog Devices ADRF5473BCZ Datasheet HTML 3Page - Analog Devices ADRF5473BCZ Datasheet HTML 4Page - Analog Devices ADRF5473BCZ Datasheet HTML 5Page - Analog Devices ADRF5473BCZ Datasheet HTML 6Page - Analog Devices ADRF5473BCZ Datasheet HTML 7Page - Analog Devices ADRF5473BCZ Datasheet HTML 8Page - Analog Devices ADRF5473BCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
ADRF5473
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 17
TIMING SPECIFICATIONS
See Figure 25, Figure 26, and Figure 27 for the timing diagrams.
Table 2.
Parameter
Description
Min
Typ
Max
Unit
tSCK
Minimum serial period, see Figure 25
70
ns
tCS
Control setup time, see Figure 25
15
ns
tCH
Control hold time, see Figure 25
3
5
ns
tLN
LE setup time, see Figure 25
15
ns
tLEW
Minimum LE pulse width, see Figure 25 and Figure 27
10
ns
tLES
Minimum LE pulse spacing, see Figure 25
630
ns
tCKN
Serial clock hold time from LE, see Figure 25
0
ns
tPH
Hold time, see Figure 27
10
ns
tPS
Setup time, see Figure 27
2
ns
tCO
Clock to output (SEROUT) time, see Figure 26
15
20
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com