Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5473BCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5473BCZ
Description  Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5473BCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5473BCZ Datasheet HTML 7Page - Analog Devices ADRF5473BCZ Datasheet HTML 8Page - Analog Devices ADRF5473BCZ Datasheet HTML 9Page - Analog Devices ADRF5473BCZ Datasheet HTML 10Page - Analog Devices ADRF5473BCZ Datasheet HTML 11Page - Analog Devices ADRF5473BCZ Datasheet HTML 12Page - Analog Devices ADRF5473BCZ Datasheet HTML 13Page - Analog Devices ADRF5473BCZ Datasheet HTML 14Page - Analog Devices ADRF5473BCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
ADRF5473
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 17
Figure 14. Step Error vs. Frequency
Figure 15. State Error vs. Frequency
Figure 16. Relative Phase vs. Frequency
Figure 17. Step Error vs. Attenuation State over Frequency
Figure 18. State Error vs. Attenuation State over Frequency
Figure 19. Relative Phase vs. Attenuation State over Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com