Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5473BCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5473BCZ
Description  Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5473BCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5473BCZ Datasheet HTML 9Page - Analog Devices ADRF5473BCZ Datasheet HTML 10Page - Analog Devices ADRF5473BCZ Datasheet HTML 11Page - Analog Devices ADRF5473BCZ Datasheet HTML 12Page - Analog Devices ADRF5473BCZ Datasheet HTML 13Page - Analog Devices ADRF5473BCZ Datasheet HTML 14Page - Analog Devices ADRF5473BCZ Datasheet HTML 15Page - Analog Devices ADRF5473BCZ Datasheet HTML 16Page - Analog Devices ADRF5473BCZ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADRF5473
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 17
The ADRF5473 incorporates a 6-bit fixed attenuator array that
offers an attenuation range of 31.5 dB in 0.5 dB steps. An integrat-
ed driver provides both serial and parallel mode control of the
attenuator array (see Figure 24).
Note that when referring to a single function of a multifunction pad
in this data sheet, only the portion of the pad name that is relevant
is mentioned. For full pad names of the multifunction pads, refer to
the Pin Configuration and Function Descriptions section.
POWER SUPPLY
The ADRF5473 requires a positive supply voltage applied to the
VDD pad and a negative supply voltage applied to the VSS pad.
Bypassing capacitors are recommended on the supply lines to filter
high frequency noise.
The power-up sequence is as follows:
1. Connect GND.
2. Power up the VDD and VSS voltages. Power up VSS after VDD to
avoid current transients on VDD during ramp up.
3. Power up the digital control inputs. The order of the digital
control inputs is not important. However, powering the digital
control inputs before the VDD voltage supply can inadvertently
forward bias and damage the internal ESD structures. To avoid
this damage, use a series 1 kΩ resistor to limit the current
flowing into the control pad. Use pull-up or pull-down resistors if
the controller output is in a high impedance state after the VDD
voltage is powered up and the control pads are not driven to a
valid logic state.
4. Apply an RF input signal to ATTIN or ATTOUT.
The power-down sequence is the reverse order of the power-up
sequence.
Power-Up State
The ADRF5473 has internal power-on-reset circuity. This circuitry
sets the attenuator to the maximum attenuation state (31.5 dB)
when VDD and VSS voltages are applied, and LE is set to low.
RF INPUT AND OUTPUT
Both RF ports (ATTIN and ATTOUT) are dc-coupled to 0 V. No dc
blocking is required at the RF ports when the RF line potential is
equal to 0 V.
The ADRF5473 supports bidirectional operation at a lower power
level. The power handling of the ATTIN and ATTOUT ports are
different. Therefore, the bidirectional power handling is defined by
the ATTOUT port. Refer to the RF input power specifications in
Table 1.
Table 7. Truth Table
Digital Control Input1
Attenuation State (dB)
D5
D4
D3
D2
D1
D0
Low
Low
Low
Low
Low
Low
0 (reference)
Low
Low
Low
Low
Low
High
0.5
Low
Low
Low
Low
High
Low
1.0
Low
Low
Low
High
Low
Low
2.0
Low
Low
High
Low
Low
Low
4.0
Low
High
Low
Low
Low
Low
8.0
High
Low
Low
Low
Low
Low
16.0
High
High
High
High
High
High
31.5
1 Any combination of the control voltage input states shown in this table provides an attenuation equal to the sum of the bits selected.
Figure 24. Simplified Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com