Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5473BCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5473BCZ
Description  Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5473BCZ Datasheet(HTML) 1 Page - Analog Devices

  ADRF5473BCZ Datasheet HTML 1Page - Analog Devices ADRF5473BCZ Datasheet HTML 2Page - Analog Devices ADRF5473BCZ Datasheet HTML 3Page - Analog Devices ADRF5473BCZ Datasheet HTML 4Page - Analog Devices ADRF5473BCZ Datasheet HTML 5Page - Analog Devices ADRF5473BCZ Datasheet HTML 6Page - Analog Devices ADRF5473BCZ Datasheet HTML 7Page - Analog Devices ADRF5473BCZ Datasheet HTML 8Page - Analog Devices ADRF5473BCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
ADRF5473
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 100 MHz to 40 GHz
►
Attenuation range: 31.5 dB with 0.5 dB steps
►
Bond pads for wire bond and ribbon bond
►
Low insertion loss
►
1.7 dB typical up to 18 GHz
►
2.2 dB typical up to 26 GHz
►
3.2 dB typical up to 40 GHz
►
Attenuation accuracy
►
±(0.10 + 2.0% of attenuation state) typical up to 26 GHz
►
±(0.13 + 1.5% of attenuation state) typical up to 35 GHz
►
±(0.30 + 1.5% of attenuation state) typical up to 40 GHz
►
Typical step error
►
±0.12 dB typical up to 26 GHz
►
±0.30 dB typical up to 35 GHz
►
±0.60 dB typical up to 40 GHz
►
High input linearity
►
P0.1dB insertion loss state: 31 dBm typical
►
P0.1dB other attenuation states: 28 dBm typical
►
IP3: 50 dBm typical
►
High RF power handling
►
26 dBm steady state average
►
31 dBm steady state peak
►
Tight distribution in relative phase
►
No low frequency spurious signals
►
SPI and parallel mode control, CMOS/LVTTL compatible
►
RF amplitude settling time (0.1 dB of final RF output): 250 ns
►
18-pad, 3.171 mm × 1.616 mm, die on carrier [CHIP]
APPLICATIONS
►
Test and instrumentation
►
Cellular infrastructure: 5G millimeter wave
►
Military radios, radars, and electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5473 is a 6-bit digital attenuator with a 31.5 dB attenua-
tion range in 0.5 dB steps manufactured in a silicon process attach-
ed on a gallium arsenide (GaAs) carrier substrate. The substrate
incorporates the bond pads for chip and wire assembly, and the
bottom of the device is metalized and connected to ground.
This device operates from 100 MHz to 40 GHz with better than
3.2 dB of insertion loss and excellent attenuation accuracy. The
ADRF5473 has an RF input power handling capability of 26 dBm
average and 31 dBm peak for all states.
The ADRF5473 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device features serial peripheral interface (SPI), paral-
lel mode control, and complementary metal-oxide semiconductor
(CMOS)-/low voltage transistor to transistor logic (LVTTL)-compati-
ble controls.
The ADRF5473 is designed to match a characteristic impedance of
50 Ω.
Note that when referring to a single function of a multifunction pad
in this data sheet, only the portion of the pad name that is relevant
is mentioned. For full pad names of the multifunction pads, refer to
the section.


Similar Part No. - ADRF5473BCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5474 AD-ADRF5474 Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
ADRF5474BCZ AD-ADRF5474BCZ Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
ADRF5474BCZ-GP AD-ADRF5474BCZ-GP Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
ADRF5474BCZ-SX AD-ADRF5474BCZ-SX Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
More results

Similar Description - ADRF5473BCZ

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Analog Devices
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
logo
Advanced Semiconductor ...
AAT530B6 ASB-AAT530B6 Datasheet
199Kb / 6P
0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator
September. 2013
logo
Analog Devices
HMC624A AD-HMC624A Datasheet
578Kb / 15P
0.1 GHz to 6.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
9/2017-Rev. A to Rev. B
HMC424ACHIPS AD-HMC424ACHIPS Datasheet
285Kb / 11P
0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
3/2020-Rev. 01.1115 to Rev. B
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
4/2020-Rev. A to Rev. B
ADRF5474 AD-ADRF5474 Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com