Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4295 Datasheet(PDF) 6 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT4295 Datasheet HTML 2Page - Analog Devices LT4295 Datasheet HTML 3Page - Analog Devices LT4295 Datasheet HTML 4Page - Analog Devices LT4295 Datasheet HTML 5Page - Analog Devices LT4295 Datasheet HTML 6Page - Analog Devices LT4295 Datasheet HTML 7Page - Analog Devices LT4295 Datasheet HTML 8Page - Analog Devices LT4295 Datasheet HTML 9Page - Analog Devices LT4295 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
6
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND – VEE = 55V and VDD – DGND = 3.3V unless otherwise noted.
(Notes 3 and 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSE Timing Characteristics (Note 7)
tDET
Detection Time
Beginning to End of Detection
l
380
500
ms
tCLASS_RESET
Classification Reset Duration
l
15
ms
tCEV
Class Event Duration
l
6
15
20
ms
tCEVON
Class Event Turn On Duration
CPORT = 0.6µF
l
0.1
ms
tLCE
Long Class Event Duration
l
88
105
ms
tCLASS
Class Event ICLASS Measurement Timing
l
6
ms
tCLASS_LCE
Long Class Event ICLASS Measurement
Timing
l
6
75
ms
tCLASS_ACS
Autoclass ICLASS Measurement Timing
l
88
105
ms
tME1
Mark Event Duration (Except Last Mark
Event)
(Note 11)
l
6
9.6
12
ms
tME2
Last Mark Event Duration
(Note 11)
l
6
20
ms
tPON
Power On Delay, Auto Mode
From End of Valid Detect to End of Valid Inrush
(Note 14)
l
400
ms
tAUTO_PSE1
Autoclass Power Measurement Start
From End of Inrush to Beginning of Autoclass
Power Measurement
l
1.4
1.6
s
tAUTO_PSE2
Autoclass Power Measurement End
From End of Inrush to End of Autoclass Power
Measurement
l
3.1
3.5
s
tAUTO_WINDOW
Autoclass Average Power Sliding Window
l
0.15
0.23
0.3
s
tED
Fault Delay
From Power On Fault to Next Detect
l
1.0
1.3
1.8
s
tSTART
Maximum Current Limit Duration During
Inrush
l
50
60
75
ms
tCUT
Maximum Overcurrent Duration After Inrush
l
50
65
75
ms
Maximum Overcurrent Duty Cycle
l
5.8
6.3
6.7
%
tLIM
Maximum Current Limit Duration After
Inrush
(Note 12)
Type 3, tLIMn = 0x8
Type 4, tLIMn = 0x5
l
l
10
6
15
11
22
17
ms
ms
tMPS
Maintain Power Signature (MPS) Pulse
Width Sensitivity
Current Pulse Width to Reset Disconnect Timer
(Note 8)
l
6
ms
tDIS
Maintain Power Signature (MPS) Dropout
Time
(Note 5)
l
320
370
400
ms
tMSD
Masked Shut Down Delay
6.5
µs
I2C Watchdog Timer Duration
l
1.5
2
3
s
Minimum Pulse Width for Masked Shut
Down
l
3
µs
Minimum Pulse Width for RESET
l
4.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com