Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4295 Datasheet(PDF) 3 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 3 Page - Analog Devices

  LT4295 Datasheet HTML 1Page - Analog Devices LT4295 Datasheet HTML 2Page - Analog Devices LT4295 Datasheet HTML 3Page - Analog Devices LT4295 Datasheet HTML 4Page - Analog Devices LT4295 Datasheet HTML 5Page - Analog Devices LT4295 Datasheet HTML 6Page - Analog Devices LT4295 Datasheet HTML 7Page - Analog Devices LT4295 Datasheet HTML 8Page - Analog Devices LT4295 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
3
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC9101AUF-1#PBF
LTC9101AUF-1#TRPBF
91011
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
LTC9102AUKJ#PBF
LTC9102AUKJ#TRPBF
LTC9102
64-Lead (7mm × 11mm) Plastic QFN
–40°C to 85°C
LTC9103AUKJ#PBF
LTC9103AUKJ#TRPBF
LTC9103
64-Lead (7mm × 11mm) Plastic QFN
–40°C to 85°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
LTC9101-1
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm × 4mm) PLASTIC QFN
θJC = 4°C/W, θJA = 47°C/W
EXPOSED PAD (PIN 25) IS DGND, MUST BE SOLDERED TO PCB
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
CFG0
CFG1
CFG2
DNC
AD2
AD3
SCL
SDAIN
SDAOUT
INT
RESET
4PVALID
25
DGND
LTC9102
LTC9103
TOP VIEW
65
VEE
UKJ PACKAGE
64-LEAD (7mm × 11mm) PLASTIC QFN
θJC = 1°C/W, θJA = 22°C/W
EXPOSED PAD (PIN 65) IS VEE, MUST BE SOLDERED TO PCB
CAP3 1
EXT3 2
GATE1 3
OUT1 4
SENSE1 5
VSSK1 6
VSSK2 7
SENSE2 8
OUT2 9
GATE2 10
GATE3 11
OUT3 12
SENSE3 13
VSSK3 14
VSSK4 15
SENSE4 16
OUT4 17
GATE4 18
GATE5 19
OUT5 20
52 ID1
51 ID0
50 GATE12
49 OUT12
48 SENSE12
47 VSSK12
46 VSSK11
45 SENSE11
44 OUT11
43 GATE11
42 GATE10
41 OUT10
40 SENSE10
39 VSSK10
38 VSSK9
37 SENSE9
36 OUT9
35 GATE9
34 GATE8
33 OUT8
TOP VIEW
65
VEE
UKJ PACKAGE
64-LEAD (7mm × 11mm) PLASTIC QFN
θJC = 1°C/W, θJA = 22°C/W
EXPOSED PAD (PIN 65) IS VEE, MUST BE SOLDERED TO PCB
CAP3 1
EXT3 2
GATE1 3
OUT1 4
SENSE1 5
VSSK1 6
VSSK2 7
SENSE2 8
OUT2 9
GATE2 10
GATE3 11
OUT3 12
SENSE3 13
VSSK3 14
VSSK4 15
SENSE4 16
OUT4 17
GATE4 18
NC 19
NC 20
52 ID1
51 ID0
50 GATE8
49 OUT8
48 SENSE8
47 VSSK8
46 VSSK7
45 SENSE7
44 OUT7
43 GATE7
42 GATE6
41 OUT6
40 SENSE6
39 VSSK6
38 VSSK5
37 SENSE5
36 OUT5
35 GATE5
34 NC
33 NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com