Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4295 Datasheet(PDF) 30 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT4295 Datasheet HTML 26Page - Analog Devices LT4295 Datasheet HTML 27Page - Analog Devices LT4295 Datasheet HTML 28Page - Analog Devices LT4295 Datasheet HTML 29Page - Analog Devices LT4295 Datasheet HTML 30Page - Analog Devices LT4295 Datasheet HTML 31Page - Analog Devices LT4295 Datasheet HTML 32Page - Analog Devices LT4295 Datasheet HTML 33Page - Analog Devices LT4295 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
30
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Any individual class signature that exceeds the class cur-
rent limit is flagged as an invalid classification result. Any
sequence of class signatures that does not represent a
legal sequence based on PD configuration will likewise
be flagged as an invalid classification result.
Auto Mode Maximum PSE Power
In auto mode the LTC9101-1/LTC9102/LTC9103 auto-
matically detects, classifies and powers all connected
valid PDs. In order to do this, each port must be config-
ured for its maximum power allocation. Select the resistor
RPWRMD from Table 12 that reflects each port’s maximum
power delivery capability.
Connect the PWRMD0 pin of the LTC9102/LTC9103 at ID
address 00b to VEE through RPWRMD. The PWRMD0 pin
of the LTC9102/LTC9103 at ID address 01b, 10b, and 11b
must be left floating. The PWRMD1 pin of each LTC9102/
LTC9103 must be left floating. The PWRMD resistor is
measured at reset.
The maximum power allocation is a reflection of the power
supply and power path capability. The PWRMD resistor
setting is applied to every port in this chipset, across all
quads and ICs. Accordingly, the PWRMD resistor must be
set with consideration for each port’s power path capabil-
ity and for the system’s power supply capability.
When AUTO is low the PWRMD0 pin setting is ignored.
Table 12. Auto Mode Maximum Delivered Power Capabilities
RPWRMD
2-PAIR MODE
4-PAIR MODE
MAX PORT
POWER
MAX PORT POWER
SINGLE-SIGNATURE PD
MAX PORT POWER
DUAL-SIGNATURE PD*
Open
Class 3: 13.0W
Class 3: 13.0W
Class 3: 13.0W
24.3k
Class 4: 25.5W
Class 4: 25.5W
18.7k
Class 4: 25.5W
14.3k
Class 5: 40.0W
Class 3: 13.0W
11.0k
Class 6: 51.0W
Class 4: 25.5W
8.45k
Class 7: 62.0W
Class 4: 25.5W
6.49k
Class 8: 71.3W
Class 5: 40.0W
*In auto mode, total port power allocation is double this value, reflecting
the two halves of a dual-signature PD.
Class Reset
An issue arises when a Class 4 or Class 5 dual-signature
PD is connected. In order to determine PD Type, three
class events are issued. Based on the class event count,
the PD has been allocated 25.5W. If the PSE desires to
both determine PD Type (3 events) and demote to 13W
(1 event), a class reset event must be issued as shown
in Figure 22.
Figure 22.
9101123 F22
VCLASSMIN
VMARKMAX
VRESET
DETECT
1ST
CLASS
1ST
MARK
1ST
MARK
2ND
MARK
2ND
CLASS
3RD
CLASS
1ST
CLASS
POWER ON
CLASS
RESET
Class Reset Event Between Class Sequences
A class reset event is issued by maintaining the channel
voltage below 2.8V for at least tCLASS_RESET. The subse-
quent single event classification is used to demote the
PD to 13W.
In auto mode the 4PID information and the state of
4PVALID are used to automatically determine the number
of powered channels.
LLDP signaling may, at some time later, determine the
pre-bt PD is actually four pair capable and the LTC9101-1/
LTC9102/LTC9103 may be instructed to deliver 4-pair
power.
Invalid Multi-Event Classification Combinations
The 802.3bt specification defines a set of valid class sig-
nature combinations. All PDs return the same classifica-
tion signature on the first two class events. Type 3 and 4
PDs modify the classification signature on all subsequent
class events. For example, a single-signature Class 5 PD
will respond to the class events 1, 2, 3, and 4 with a class
signature of 4, 4, 0, and 0, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com