Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4295 Datasheet(PDF) 19 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT4295 Datasheet HTML 15Page - Analog Devices LT4295 Datasheet HTML 16Page - Analog Devices LT4295 Datasheet HTML 17Page - Analog Devices LT4295 Datasheet HTML 18Page - Analog Devices LT4295 Datasheet HTML 19Page - Analog Devices LT4295 Datasheet HTML 20Page - Analog Devices LT4295 Datasheet HTML 21Page - Analog Devices LT4295 Datasheet HTML 22Page - Analog Devices LT4295 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
19
Rev. 0
For more information www.analog.com
802.3at Mode
The LTC9101-1/LTC9102/LTC9103 may be configured as
a 2-pair (802.3at or 802.3bt) or 4-pair 802.3bt PSE. All
802.3bt-compliant PSEs are fully backwards compatible
with existing 802.3at Type 1 and Type 2 PDs as shown
in Table 1. In addition to full compatibility, 802.3bt PSEs
extend support for lower standby power, enhanced cur-
rent limit timing, and dynamic power management to all
PD Types (as supported by the PD application).
Table 1. PSE Maximum Delivered Power, Per-Port
DEVICE
PSE
STANDARD
802.3at
802.3bt
TYPE
1
2
3
4
PD
802.3at
1
13W
13W
13W
13W
2
13W*
25.5W
25.5W
25.5W
802.3bt
3
13W*
25.5W*
51W
51W
4
13W*
25.5W*
51W*
71.3W
*Indicates PD allocated less power than requested.
The LTC9101-1 supports operation as an 802.3at com-
pliant PSE. This feature is available in both 2-pair and
4-pair modes.
Note that an 802.3at PSE will not pass an 802.3bt PSE
compliance test, and an 802.3bt PSE will not pass an
802.3at PSE compliance test. This is by design of the
respective standards. 802.3at and 802.3bt devices are
designed to be interoperable.
Table 2. 802.3at vs 802.3bt Features
FEATURE
802.3at
802.3bt
First Class Event
Short
Long
First Mark Event (15W Mode) No
Yes
Limit Timer
No (Uses Cutoff Timer) Yes
Connection Check
No
Yes
Active Alternative(s)
A
2-Pair: A
4-Pair: A and B
Maximum Class Events
2
5
Maximum Available Power
Class 4
2-Pair: Class 4
4-Pair: Class 8
Short MPS
No
Yes
Autoclass
No
Yes
PoE BASICS
Common Ethernet data connections consist of two or
four twisted pairs of copper wire (commonly known
as Ethernet cable), transformer-coupled at each end to
avoid ground loops. PoE systems take advantage of this
coupling arrangement by applying voltage between the
center-taps of the data transformers to transmit power
from the PSE to the PD without affecting data transmis-
sion. Figure 11 and Figure 12 show high level PoE system
schematics.
To avoid damaging legacy data equipment that does not
expect to see DC voltage, the PoE standard defines a
protocol that determines when the PSE may apply and
remove power. Valid PDs are required to have a specific
25k common-mode resistance at their input. When such
a PD is connected to the cable, the PSE detects this sig-
nature resistance and applies power. When the PD is
later disconnected, the PSE senses the open circuit and
removes power. The PSE also removes power in the event
of a current fault or short circuit.
When a PD is detected, the PSE looks for a classification
signature that tells the PSE the maximum power the PD
will draw. The PSE can use this information to allocate
power among several ports, to police the current con-
sumption of the PD, or to reject a PD that will draw more
power than the PSE has available.
New in 802.3bt
The 802.3bt specification introduces several new features:
n
Type 3 and Type 4 PSEs may provide power over all
four pairs (both pairsets), depending on connected PD
characteristics.
n
Type 3 and Type 4 PDs are required to be capable of
receiving power over all four pairs (both pairsets).
n
Type 3 and 4 PDs can be formed as either a single-
signature PD or dual-signature PD. A single-signature
PD presents the same valid signature resistor to both
pairsets simultaneously (see Figure 11). A dual-signa-
ture PD presents two fully independent valid detection
signatures, one to each pairset (see Figure 12).
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com