Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4295 Datasheet(PDF) 9 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT4295 Datasheet HTML 5Page - Analog Devices LT4295 Datasheet HTML 6Page - Analog Devices LT4295 Datasheet HTML 7Page - Analog Devices LT4295 Datasheet HTML 8Page - Analog Devices LT4295 Datasheet HTML 9Page - Analog Devices LT4295 Datasheet HTML 10Page - Analog Devices LT4295 Datasheet HTML 11Page - Analog Devices LT4295 Datasheet HTML 12Page - Analog Devices LT4295 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
9
Rev. 0
For more information www.analog.com
Power-On Current Limits
Dual-Signature
CLASS 1–3
CLASS 4
CLASS 5
OUTn – VEE (V)
0
11
22
33
44
55
0
20
40
60
80
100
120
0
200
400
600
800
1000
1200
9101123 G09
AGND – VEE = 55V
ILIM-2P vs Temperature
LIMn = 80h
OUTn = VEE
TA (°C)
–40 –20
0
20
40
60
80
100
40
41
42
43
44
45
400
410
420
430
440
450
9101123 G10
TYPICAL PERFORMANCE CHARACTERISTICS (R
SENSE = 0.1Ω unless otherwise specified.)
Classification Current Compliance
Port Current Readback
Port Current Readback Offset
Port Current Readback LSB
Port Current Readback vs
Temperature
CLASSIFICATION CURRENT (mA)
SENSEn – VSSKn (mV)
0
0
20
2
4
6
40
60
80
8
100(mA)
10(mV)
–20
–16
–12
–8
–4
0
9101123 G11
N = 4488
µ = 89.610
σ = 0.252
SENSEn – VSSKn = 89.6mV
24.98µV/LSB
READBACK (mV)
88.1
88.6
89.1
89.6
90.1
90.6
91.1
0
100
200
300
400
500
600
700
9101123 G12
N = 4476
µ = 10.931
σ = 14.363
SENSEn – VSSKn = 0
24.98µV/LSB
READBACK (µV)
–100 –75 –50 –25
0
25
50
75 100
0
500
1000
1500
2000
2500
9101123 G13
N = 4488
µ = 24.980
σ = 0.070
(µV/LSB)
24.6 24.7 24.8 24.9 25.0 25.1 25.2 25.3 25.4
0
100
200
300
400
500
9101123 G14
SENSEn – VSSKn = 100mV
24.98µV/LSB
TA (°C)
–40 –20
0
20
40
60
80
100
99.6
99.8
100.0
100.2
100.4
100.6
100.8
9101123 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com