Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4295 Datasheet(PDF) 2 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 2 Page - Analog Devices

  LT4295 Datasheet HTML 1Page - Analog Devices LT4295 Datasheet HTML 2Page - Analog Devices LT4295 Datasheet HTML 3Page - Analog Devices LT4295 Datasheet HTML 4Page - Analog Devices LT4295 Datasheet HTML 5Page - Analog Devices LT4295 Datasheet HTML 6Page - Analog Devices LT4295 Datasheet HTML 7Page - Analog Devices LT4295 Datasheet HTML 8Page - Analog Devices LT4295 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
2
Rev. 0
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
LTC9102/LTC9103
Supply Voltages (with respect to VEE)
AGND ................................................... –0.3V to 80V
PWRIN ................................................. –0.3V to 80V
CAP3, CAP4 ........................................... –0.3V to 5V
VSSKn ................................................ –0.3V to 0.3V
Analog Pins
SENSEn, OUTn ...................................... –20V to 80V
GATEn, IDn, PWRMD ........................... –0.3V to 80V
CPA, CNA, DPA, DNA ...............–0.3V to CAP3 + 0.3V
EXT3...................................................... –0.3V to 30V
Operating Ambient Temperature ..............–40°C to 85°C
Operating Junction Temperature (Note 2)...–40°C to 125°C
Storage Temperature ............................. –65°C to 150°C
(Notes 1, 4)
LTC9101-1
Supply Voltages (with respect to DGND)
VDD ...................................................... –0.3V to 3.6V
CAP1, CAP2.........................................–0.3V to 1.32V
Digital Pins
ADn, AUTO, CFGn, MSD, SDAIN, SDAOUT,
SCL, RESET, INT, 4PVALID ........ –0.3V to VDD + 0.3V
Analog Pins
CPD, CND, DPD, DND ............... –0.3V to VDD + 0.3V
Operating Ambient Temperature ............. –40°C to 85°C
Operating Junction Temperature (Note 2).. –40°C to 125°C
Storage Temperature ............................ –65°C to 150°C
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com