Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4213 Datasheet(HTML) 4 Page - Analog Devices

  LTC4213 Datasheet HTML 1Page - Analog Devices LTC4213 Datasheet HTML 2Page - Analog Devices LTC4213 Datasheet HTML 3Page - Analog Devices LTC4213 Datasheet HTML 4Page - Analog Devices LTC4213 Datasheet HTML 5Page - Analog Devices LTC4213 Datasheet HTML 6Page - Analog Devices LTC4213 Datasheet HTML 7Page - Analog Devices LTC4213 Datasheet HTML 8Page - Analog Devices LTC4213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC4213
4
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
ICC vs VCC
ICC vs Temperature
VCC(UVLR) vs Temperature
TA = 25°C. VCC = 5V unless otherwise noted.
Normalized VCB vs VCC
Normalized VCB vs Temperature
Normalized VCB(FAST) vs VCC
Normalized VCB(FAST) vs
Temperature
IGATE(UP) vs VCC
IGATE(UP) vs Temperature
BIAS SUPPLY VOLTAGE (V)
2.0
0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
4213 G01
2.5
3.0
2.5
3.5
4.5
5.5
TEMPERATURE (°C)
–50
0
0.5
1.0
1.5
2.0
0
50
100 125
4213 G02
2.5
3.0
–25
25
75
TEMPERATURE (°C)
–50
1.7
1.8
1.9
2.0
2.1
0
50
100 125
4213 G03
2.2
2.3
–25
25
75
VCC RISING
VCC FALLING
BIAS SUPPLY VOLTAGE (V)
2.0
0.94
0.96
0.98
1.00
1.02
3.0
4.0
5.0
6.0
4213 G04
1.04
1.06
2.5
3.5
4.5
5.5
TEMPERATURE (°C)
–50
0
50
100 125
4213 G05
–25
25
75
0.94
0.96
0.98
1.00
1.02
1.04
1.06
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
4213 G06
2.5
3.5
4.5
5.5
0.94
0.96
0.98
1.00
1.02
1.04
1.06
TEMPERATURE (°C)
–50
0
50
100 125
4213 G07
–25
25
75
0.94
0.96
0.98
1.00
1.02
1.04
1.06
BIAS SUPPLY VOLTAGE (V)
2.0
96
98
100
102
3.0
4.0
5.0
6.0
4213 G08
104
2.5
3.5
4.5
5.5
TEMPERATURE (°C)
–50
0
50
100 125
–25
25
75
96
98
100
102
4213 G09
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com