Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4213 Datasheet(HTML) 2 Page - Analog Devices

  LTC4213 Datasheet HTML 1Page - Analog Devices LTC4213 Datasheet HTML 2Page - Analog Devices LTC4213 Datasheet HTML 3Page - Analog Devices LTC4213 Datasheet HTML 4Page - Analog Devices LTC4213 Datasheet HTML 5Page - Analog Devices LTC4213 Datasheet HTML 6Page - Analog Devices LTC4213 Datasheet HTML 7Page - Analog Devices LTC4213 Datasheet HTML 8Page - Analog Devices LTC4213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC4213
2
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Bias Supply Voltage (VCC)............................ –0.3V to 9V
Input Voltages
ON, SENSEP, SENSEN.............................. –0.3V to 9V
ISEL ...........................................–0.3V to (VCC + 0.3V)
Output Voltages
GATE...................................................... –0.3V to 15V
READY..................................................... –0.3V to 9V
(Note 1)
TOP VIEW
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
TJMAX = 125°C, θJA = 250°C/W
EXPOSED PAD (PIN 9) PCB CONNECTION OPTIONAL
5
6
7
8
9
4
3
2
1
READY
ON
ISEL
GND
VCC
SENSEP
SENSEN
GATE
1
2
3
4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 195°C/W
GATE
SENSEN
SENSEP
VCC
GND
ISEL
ON
READY
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, ISEL = 0 unless otherwise noted. (Note 2)
TAPE AND REEL
TAPE AND REEL (MINI)
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4213CDDB#TRPBF
N/A
LBHV
8-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC4213IDDB#TRPBF
N/A
LBHV
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC4213CTS8#TRPBF
LTC4213CTS8#TRMPBF
LTHQB
8-Lead Plastic TSOT-23
0°C to 70°C
LTC4213ITS8#TRPBF
LTC4213ITS8#TRMPBF
LTHQB
8-Lead Plastic TSOT-23
–40°C to 85°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Bias Supply Voltage
l
2.3
6
V
VSENSEP
SENSEP Voltage
l
0
6
V
ICC
VCC Supply Current
l
1.6
3
mA
VCC(UVLR)
VCC Undervoltage Lockout Release
VCC Rising
l
1.8
2.07
2.23
V
∆VCC(UVHYST)
VCC Undervoltage Lockout Hysteresis
l
30
100
160
mV
ISENSEP
SENSEP Input Current
VSENSEP = VSENSEN = 5V, Normal Mode
15
40
80
µA
VSENSEP = VSENSEN = 0, Normal Mode
–1
±15
µA
Operating Temperature Range
LTC4213C ................................................ 0°C to 70°C
LTC4213I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10sec)....................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com