Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4213 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4213 Datasheet HTML 9Page - Analog Devices LTC4213 Datasheet HTML 10Page - Analog Devices LTC4213 Datasheet HTML 11Page - Analog Devices LTC4213 Datasheet HTML 12Page - Analog Devices LTC4213 Datasheet HTML 13Page - Analog Devices LTC4213 Datasheet HTML 14Page - Analog Devices LTC4213 Datasheet HTML 15Page - Analog Devices LTC4213 Datasheet HTML 16Page - Analog Devices LTC4213 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC4213
13
Rev. A
For more information www.analog.com
Figure 3. Resetting Fault Timing Diagram
VCB
1
2
3
4
5
6 7
8
RESTART
VREADY
VGATE
NORMAL MODE
STARTUP CYCLE
VON < 0.4V
DURATION > tRESET
tFAULT
tDEBOUNCE
FAULT LATCHED OFF
VCC > 2.07V
∆VSENSE
4213 F03
CIRCUIT BREAKER TRIPS
GATE AND READY PINS PULL LOW
SHORT CIRCUIT
NOT RESET
RESET REINITIALIZE
CB TRIPS
0V
VON
0.4V
0.76V
0.8V
>VCB
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com