Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4213 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4213 Datasheet HTML 7Page - Analog Devices LTC4213 Datasheet HTML 8Page - Analog Devices LTC4213 Datasheet HTML 9Page - Analog Devices LTC4213 Datasheet HTML 10Page - Analog Devices LTC4213 Datasheet HTML 11Page - Analog Devices LTC4213 Datasheet HTML 12Page - Analog Devices LTC4213 Datasheet HTML 13Page - Analog Devices LTC4213 Datasheet HTML 14Page - Analog Devices LTC4213 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC4213
11
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
ON Function
When VON is below comparator COMP1’s threshold of
0.4V for 80µs, the device resets. The system leaves reset
mode if the ON pin rises above comparator COMP2’s
threshold of 0.8V and the UVLO condition is met. Leaving
reset mode, the GATE pin starts up after a tDEBOUNCE delay
of 60µs. When ON goes below 0.76V, the GATE shuts off
after a 5µs glitch filter delay. The output is discharged by
the external load when VON is in between 0.4V to 0.8V.
At this state, the ON pin can re-enable the GATE if VON
exceeds 0.8V for more than 8µs. Alternatively, the device
resets if the ON pin is brought below 0.4V for 80µs. Once
reset, the GATE pin restarts only after the tDEBOUNCE 60µs
delay at VON rising above 0.8V. To protect the ON pin
from overvoltage stress due to supply transients, a series
resistor of greater than 10k is recommended when the
ON pin is connected directly to the supply. An external
resistive divider at the ON pin can be used with COMP2
to set a supply undervoltage lockout value higher than the
internal UVLO circuit. An RC filter can be implemented at
the ON pin to increase the power-up delay time beyond
the internal 60µs delay.
Gate Function
The GATE pin is held low in reset mode. 60µs after leaving
reset mode, the GATE pin is charged up by an internal
100µA current source. The circuit breaker arms when
VGATE > VSENSEN + ∆VGSARM. In normal mode operation,
the GATE peak voltage is internally clamped to ∆VGSMAX
above the SENSEN pin. When the circuit breaker trips, an
internal MOSFET shorts the GATE pin to GND, turning off
the external MOSFET.
READY Status
The READY pin is held low during reset and at startup. It
is pulled high by an external pull-up resistor 50µs after
the circuit breaker arms. The READY pin pulls low if the
circuit breaker trips or the ON pin is pulled below 0.76V,
or VCC drops below undervoltage lockout.
∆VGSARM and VGSMAX
Each MOSFET has a recommended VGS drive voltage
where the channel is deemed fully enhanced and RDS(ON) is
minimized. Driving beyond this recommended VGS voltage
yields a marginal decrease in RDS(ON) . At start-up, the
gate voltage starts at ground potential. The GATE ramps
past the MOSFET threshold and the load current begins
to flow. When VGS exceeds ∆VGSARM, the circuit breaker
is armed and enabled. The chosen MOSFET should have a
recommended minimum VGS drive level that is lower than
∆VGSARM. Finally, VGS reaches a maximum at ∆VGSMAX.
Trip and Reset Circuit Breaker
Figure 2 shows the timing diagram of VGATE and VREADY
after a fault condition. A tripped circuit breaker can be
reset either by cycling the VCC bias supply below UVLO
threshold or pulling ON below 0.4V for >tRESET. Figure 3
shows the timing diagram for a tripped circuit breaker
being reset by the ON pin.
Calculating Current Limit
The fault current limit is determined by the RDS(ON) of the
MOSFET and the circuit breaker voltage VCB.
ILIMIT =
VCB
RDS(ON)
(2)
The RDS(ON) value depends on the manufacturer’s dis-
tribution, VGS and junction temperature. Short Kelvin-
sense connections between the MOSFET drain and
source to the LTC4213 SENSEP and SENSEN pins are
strongly recommended.
For a selected MOSFET, the nominal load limit current is
given by:
ILIMIT(NOM) =
VCB(NOM)
RDS(ON)(NOM)
(3)
The minimum load limit current is given by:
ILIMIT(MIN) =
VCB(MIN)
RDS(ON)(MAX)
(4)
The maximum load limit current is given by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com