Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4213 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4213 Datasheet HTML 4Page - Analog Devices LTC4213 Datasheet HTML 5Page - Analog Devices LTC4213 Datasheet HTML 6Page - Analog Devices LTC4213 Datasheet HTML 7Page - Analog Devices LTC4213 Datasheet HTML 8Page - Analog Devices LTC4213 Datasheet HTML 9Page - Analog Devices LTC4213 Datasheet HTML 10Page - Analog Devices LTC4213 Datasheet HTML 11Page - Analog Devices LTC4213 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC4213
8
Rev. A
For more information www.analog.com
BLOCK DIAGRAM
VCC
VCB
0.7V
VCB(FAST)
4213 BD
ISEL
READY
GATE
ON
GND
VCC
SENSEN
SENSEP
–
+
+–
+–
SENSEN
GATEOFF
RESET
STARTUP
NORMAL MODE
GATE ON/OFF
6.5V
CLAMP
CIRCUIT
CHARGE
PUMP
VCB
100mV
50mV
25mV
VCB(FAST)
325mV
175mV
100mV
VGSARM
ARM
COMP
–
+
COMP1
ARM
0.4V
LOGIC
SLOWCOMP
+
–
UV COMP
VCC
2.07V
+
–
COMP2
0.8V
80µs
DELAY
16µs
DELAY
50µs
DELAY
60µs
DELAY
8µs 5µs
CB TRIPS
+–
FASTCOMP
1µs
DELAY
CB TRIPS
BLANK
RESET OR
FAULT MODE
280µA
100µA
+–
OVCOMP
65µs
DELAY
OV TRIPS
GATE ON
VCC
DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com