Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4213 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4213 Datasheet HTML 3Page - Analog Devices LTC4213 Datasheet HTML 4Page - Analog Devices LTC4213 Datasheet HTML 5Page - Analog Devices LTC4213 Datasheet HTML 6Page - Analog Devices LTC4213 Datasheet HTML 7Page - Analog Devices LTC4213 Datasheet HTML 8Page - Analog Devices LTC4213 Datasheet HTML 9Page - Analog Devices LTC4213 Datasheet HTML 10Page - Analog Devices LTC4213 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC4213
7
Rev. A
For more information www.analog.com
PIN FUNCTIONS
Exposed Pad (Pin 9, DDB Package Only): Exposed pad
may be left open or connected to device ground.
GATE (Pin 5/Pin 8): GATE Drive Output. An internal charge
pump supplies 100µA pull-up current to the gate of the
external N-channel MOSFET. Internal circuitry limits the
voltage between the GATE and SENSEN pins to a safe gate
drive voltage of less than 8V. When the circuit breaker
trips, the GATE pin abruptly pulls to GND.
GND (Pin 4/Pin 1): Device Ground.
ISEL (Pin 3/Pin 2): Threshold Select Input. With the
ISEL pin grounded, float or tied to VCC the VCB is set to
25mV, 50mV or 100mV, respectively. The corresponding
VCB(FAST) values are 100mV, 175mV and 325mV.
ON (Pin 2/Pin 3): ON Control Input. The LTC4213 is in
reset mode when the ON pin is below 0.4V. When the ON
pin increases above 0.8V, the device starts up and the
GATE pulls up with a 100µA current source. When the
ON pin drops below 0.76V, the GATE pulls down. To reset
a circuit breaker fault, the ON pin must go below 0.4V.
READY (Pin 1/Pin 4): READY Status Output. Open-drain
output that goes high impedance when the external
MOSFET is on and the circuit breaker is armed. Otherwise
this pin pulls low.
SENSEN (Pin 6/Pin 7): Circuit Breaker Negative Sense
Input. Connect this pin to the source of the external
MOSFET. During reset or fault mode, the SENSEN pin
discharges the output to ground with 280µA.
SENSEP (Pin 7/Pin 6): Circuit Breaker Positive Sense
Input. Connect this pin to the drain of external N-channel
MOSFET. The circuit breaker trips when the voltage across
SENSEP and SENSEN exceeds VCB. The input common
mode range of the circuit breaker is from ground to VCC +
0.2V when VCC < 2.5V. For VCC ≥ 2.5V, the input common
mode range is from ground to VCC + 0.4V.
VCC (Pin 8/Pin 5): Bias Supply Voltage Input. Normal
operation is between 2.3V and 6V. An internal under-volt-
age lockout circuit disables the device when VCC < 2.07V.
(DFN/TSOT-23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com