Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3758 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3758
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 1 Page - Analog Devices

  LT3758 Datasheet HTML 1Page - Analog Devices LT3758 Datasheet HTML 2Page - Analog Devices LT3758 Datasheet HTML 3Page - Analog Devices LT3758 Datasheet HTML 4Page - Analog Devices LT3758 Datasheet HTML 5Page - Analog Devices LT3758 Datasheet HTML 6Page - Analog Devices LT3758 Datasheet HTML 7Page - Analog Devices LT3758 Datasheet HTML 8Page - Analog Devices LT3758 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT8392
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V Synchronous 4-Switch Buck-Boost
Controller with Spread Spectrum
The LT®8392 is a synchronous 4-switch buck-boost DC/
DC controller that regulates output voltage, input or out-
put current from input voltage above, below, or equal to
the output voltage. The proprietary peak-buck peak-boost
current mode control scheme allows adjustable and syn-
chronizable 150kHz to 650kHz fixed frequency operation,
or internal ±15% triangle spread spectrum operation for
low EMI. With 3V to 60V input voltage range, 1V to 60V
output voltage capability, and seamless low noise tran-
sitions between operation regions, the LT8392 is ideal
for voltage regulator, battery and super-capacitor charger
applications in automotive, industrial, telecom, and even
battery-powered systems.
The LT8392 provides input or output current monitor and
power good flag. Fault protection function detects output
short-circuit condition, during which the LT8392 retries,
latches off, or keeps running.
98% Efficient 96W (12V 8A) Buck-Boost Voltage Regulator
APPLICATIONS
n
4-Switch Single Inductor Architecture Allows VIN
Above, Below or Equal to VOUT
n
Up to 98% Efficiency
n
Proprietary Peak-Buck Peak-Boost Current Mode
n
Wide VIN Range: 3V (Need EXTVCC ≥ 4.5V) to 60V
n
±1.5% Output Voltage Accuracy: 1V ≤ VOUT ≤ 60V
n
±4% Input or Output Current Accuracy with Monitor
n
Spread Spectrum Frequency Modulation for Low EMI
n
Integrated Bootstrap Diodes
n
Adjustable and Synchronizable: 150kHz to 650kHz
n
VOUT Disconnected from VIN During Shutdown
n
Available in 28-Lead TSSOP with Exposed Pad and
28-Lead QFN (4mm × 5mm)
n
Automotive, Industrial, Telecom Systems
n
High Frequency Battery-Powered System
All registered trademarks and trademarks are the property of their respective owners.
100k
0.1µF
10µF
×4
1m
0.1µF
3µH
120µF
×4
130k
4.7µF
226k
27nF
12k
110k
10k
5m
22µF
×4
0.1µF
1µF
1µF
1µF
470µF
470µF
EN/UVLO
INTVCC
PGOOD
BG2
BST2
TG2
SYNC/SPRD
FB
VOUT
EXTVCC
ISP
ISN
VIN
6V TO 18V
CONTINUOUS
3V TO 36V
TRANSIENT
200kHz
VOUT
12V
8A
LSP
LSN
SW1
SW2
BST1
TG1
CTRL
TRIM
VREF
BG1
VIN
LT8392
ISMON
GND
TEST
SS
VC
RT
100k
8392 TA01a
0.47µF
10k
10k
Efficiency vs VIN
IOUT = 8A
INPUT VOLTAGE (V)
0
4
8 12 16 20 24 28 32 36 40
86
88
90
92
94
96
98
100
8392 TA01b


Similar Part No. - LT3758

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3758 LINER-LT3758 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3758 LINER-LT3758 Datasheet
514Kb / 32P
Wide Input Voltage Range
LT3758 LINER-LT3758 Datasheet
373Kb / 36P
PolyPhase Synchronous Boost Controller
More results

Similar Description - LT3758

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
60V Four-Switch Synchronous Buck-Boost Controller
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
DC2431A AD-DC2431A Datasheet
661Kb / 8P
High Power Synchronous 4-Switch Buck- Boost Regulator with Spread Spectrum
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com