Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3758 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3758
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3758 Datasheet HTML 16Page - Analog Devices LT3758 Datasheet HTML 17Page - Analog Devices LT3758 Datasheet HTML 18Page - Analog Devices LT3758 Datasheet HTML 19Page - Analog Devices LT3758 Datasheet HTML 20Page - Analog Devices LT3758 Datasheet HTML 21Page - Analog Devices LT3758 Datasheet HTML 22Page - Analog Devices LT3758 Datasheet HTML 23Page - Analog Devices LT3758 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT8392
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Output Capacitance COUT: Discontinuous current shifts
from the input to the output in the boost region. Make
sure that the COUT capacitor network is capable of reduc-
ing the output voltage ripple. The effects of ESR and the
bulk capacitance must be considered when choosing the
right capacitor for a given output ripple voltage. The max-
imum steady state ripple due to charging and discharging
the bulk capacitance is given by:
ΔVCAP(BOOST) =
IOUT(MAX) • VOUT − VIN(MIN)
(
)
COUT • VOUT • f
ΔVCAP(BUCK) =
VOUT • 1−
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
8 •L • f2 • COUT
The maximum steady ripple due to the voltage drop
across the ESR is given by:
ΔVESR(BOOST) =
VOUT •IOUT(MAX)
VIN(MIN)
•ESR
ΔVESR(BUCK) =
VOUT • 1−
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
L • f
•ESR
INTVCC Regulator
An internal P-channel low dropout regulator produces
5V at the INTVCC pin from the VIN supply pin. The INTVCC
powers internal circuitry and gate drivers in the LT8392.
The INTVCC regulator can supply a peak current of 145mA
and must be bypassed to ground with a minimum of
4.7µF ceramic capacitor. Good local bypass is necessary
to supply the high transient current required by MOSFET
gate drivers.
Higher input voltage applications with large MOSFETs
being driven at higher switching frequencies may cause
the maximum junction temperature rating for the LT8392
to be exceeded. The system supply current is normally
dominated by the gate charge current. Additional external
loading of the INTVCC also needs to be taken into account
for the power dissipation calculation. The total LT8392
power dissipation in this case is VIN • IINTVCC, and overall
efficiency is lowered. The junction temperature can be
estimated by using the equation:
TJ = TA + PD •
θJA
where
θJA (in °C/W) is the package thermal resistance.
To prevent maximum junction temperature from being
exceeded, the input supply current must be checked oper-
ating in continuous mode at maximum VIN.
Top Gate MOSFET Driver Supply (CBST1, CBST2)
The top MOSFET drivers, TG1 and TG2, are driven between
their respective SW and BST pin voltages. The boost volt-
ages are biased from floating bootstrap capacitors CBST1
and CBST2, which are normally recharged through both the
external and internal bootstrap diodes when the respec-
tive top MOSFET is turned off. External bootstrap diodes
are recommended because the internal bootstrap diodes
are not always strong enough to refresh top MOSFETs at
2MHz. Both capacitors are charged to the same voltage
as the INTVCC voltage. The bootstrap capacitors CBST1
and CBST2, need to store about 100 times the gate charge
required by the top switches A and D. In most applica-
tions, a 0.1µF to 0.47µF, X5R or X7R dielectric capacitor
is adequate.
Programming VIN UVLO
A resistor divider from VIN to the EN/UVLO pin imple-
ments VIN undervoltage lockout (UVLO). The EN/UVLO
enable falling threshold is set at 1.220V with 13mV hyster-
esis. In addition, the EN/UVLO pin sinks 2.5µA when the
voltage on the pin is below 1.220V. This current provides
user programmable hysteresis based on the value of R1.
The programmable UVLO thresholds are:
VIN(UVLO+) = 1.233V •
R1
+R2
R2
+ 2.5µA •R1
VIN(UVLO−) = 1.220V •
R1
+R2
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com