Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3758 Datasheet(PDF) 22 Page - Analog Devices

Part # LT3758
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT3758 Datasheet HTML 18Page - Analog Devices LT3758 Datasheet HTML 19Page - Analog Devices LT3758 Datasheet HTML 20Page - Analog Devices LT3758 Datasheet HTML 21Page - Analog Devices LT3758 Datasheet HTML 22Page - Analog Devices LT3758 Datasheet HTML 23Page - Analog Devices LT3758 Datasheet HTML 24Page - Analog Devices LT3758 Datasheet HTML 25Page - Analog Devices LT3758 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT8392
22
Rev. 0
For more information www.analog.com
Figure 14. Programming Output Current Limit
LT8392
ISP
8392 F14a
ISN
RIS
+
TO SYSTEM
OUTPUT
FROM DRAIN OF
SWITCH D
LT8392
ISP
8392 F14b
ISN
RIS
CF
RF
TO SYSTEM
OUTPUT
+
FROM DRAIN OF
SWITCH D
RF
(14a)
(14b)
APPLICATIONS INFORMATION
the current loop. Since the bias currents of the ISP and
ISN pins are matched, no offset is introduced by RF. If
input or output current limit is not used, the ISP and ISN
pins should be shorted to VIN, VOUT, or ground.
ISMON Current Monitor
The ISMON pin provides a buffered monitor output of
the current flowing through the ISP/ISN current sense
resistor, RIS. The VISMON voltage is calculated as V(ISP-ISN)
• 20 + 0.25V. Since the ISMON pin has the same 0.25V
offset as the CTRL pin, the master LT8392 ISMON pin can
be directly tied to the slave LT8392 CTRL pin for equal
current sharing in parallel applications.
Programming Output Voltage and Thresholds
The LT8392 has a voltage feedback pin FB that can be
used to program a constant-voltage output. The output
voltage can be set by selecting the values of R3 and R4
(Figure 15) according to the following equation:
LT8392
VOUT
R3
R4
8392 F15
FB
Figure 15. Feedback Resistor Connection
VOUT = 1V •
R3
+R4
R4
In addition, the FB pin also sets output overvoltage
threshold, output power good thresholds, and output
short threshold. For an application with small output
capacitors, the output voltage may overshoot a lot during
load transient event. Once the FB pin hits its overvoltage
threshold 1.08V, the LT8392 stops switching by turning
off TG1, BG1, TG2, and BG2, and also turns off EXTVCC
to disconnect the output load for protection. The output
overvoltage threshold can be set as:
VOUT(OVP) = 1.08V •
R3+R4
R4
To provide the output short-circuit detection and protec-
tion, the output short falling threshold can be set as:
VOUT(SHORT) = 0.25V •
R3
+R4
R4
Power GOOD (PGOOD) Pin
The LT8392 provides an open-drain status pin, PGOOD,
which is pulled low when VFB is within ±8% of the 1.00V
regulation voltage. The PGOOD pin is allowed to be pulled
up by an external resistor to INTVCC or an external voltage
source of up to 6V.
Soft-Start and Short-Circuit Protection
As shown in Figure 8 and explained in the Operation sec-
tion, the SS pin can be used to program the output voltage
soft-start by connecting an external capacitor from the
SS pin to ground. The internal 12.5µA pull-up current
charges up the capacitor, creating a voltage ramp on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com