Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3758 Datasheet(PDF) 25 Page - Analog Devices

Part # LT3758
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT3758 Datasheet HTML 20Page - Analog Devices LT3758 Datasheet HTML 21Page - Analog Devices LT3758 Datasheet HTML 22Page - Analog Devices LT3758 Datasheet HTML 23Page - Analog Devices LT3758 Datasheet HTML 24Page - Analog Devices LT3758 Datasheet HTML 25Page - Analog Devices LT3758 Datasheet HTML 26Page - Analog Devices LT3758 Datasheet HTML 27Page - Analog Devices LT3758 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LT8392
25
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
165k
0.1µF
4m
0.1µF
22µF
63V
×2
4.7µF
100V
×2
10µF
25V
×2
120µF
16V
120µF
16V
VOUT
12V
4A
383k
4.7µF
100k
0.47µF
100k
400kHz
4.7nF
27k
100k
8392 TA02a
9.09k
10m
0.1µF
1µF
1µF
100pF
L1
6µH
M3
M4
M1
M2
EN/UVLO
VREF
CTRL
PGOOD
BG2
BST2
TG2
INTVCC
TRIM
FB
VOUT
EXTVCC
ISP
ISN
SYNC/SPRD
TEST
VIN
3V TO 56V
ISMON
PGOOD
LSP
LSN
SW1
SW2
BST1
TG1
BG1
VIN
LT8392
ISMON
SS
VC
RT
GND
SSFM OFF
SSFM ON
IOUT LIMIT 5A
L1: WURTH 7443551600 6µH
M1, M2: INFINEON BSZ100N06LS3
M3, M4: INFINEON BSZ033NE2LS5
98% Efficient 48W (12V 4A) Buck-Boost Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com