Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3758 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3758
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3758 Datasheet HTML 5Page - Analog Devices LT3758 Datasheet HTML 6Page - Analog Devices LT3758 Datasheet HTML 7Page - Analog Devices LT3758 Datasheet HTML 8Page - Analog Devices LT3758 Datasheet HTML 9Page - Analog Devices LT3758 Datasheet HTML 10Page - Analog Devices LT3758 Datasheet HTML 11Page - Analog Devices LT3758 Datasheet HTML 12Page - Analog Devices LT3758 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT8392
9
Rev. 0
For more information www.analog.com
CTRL: Control Input for ISP/ISN Current Sense Threshold.
The CTRL pin is used to program the ISP/ISN current limit:
IIS(MAX) =
Min VCTRL −0.25V,1V
(
)
20 •RIS
The VCTRL can be set by an external voltage reference or
a resistor divider from VREF to ground. For 0.25V ≤ VCTRL
≤ 1.15V, the current sense threshold linearly goes up
from 0mV to 45mV. For VCTRL ≥ 1.35V, the current sense
threshold is constant at 50mV full-scale value. For 1.15V
≤ VCTRL ≤ 1.35V, the current sense threshold smoothly
transitions from the linear function of VCTRL to the 50mV
constant value. Tie CTRL to VREF for the 50mV full-scale
threshold.
ISP: Positive Terminal of the ISP/ISN Current Sense
Resistor (RIS). Ensure accurate current sense with
Kelvin connection.
ISN: Negative Terminal of the ISP/ISN Current Sense
Resistor (RIS). Ensure accurate current sense with
Kelvin connection.
ISMON: ISP/ISN Current Sense Monitor Output. The
ISMON pin generates a voltage that is equal to twenty
times V(ISP-ISN) plus 0.25V offset voltage. For parallel
applications, tie the master LT8392 ISMON pin to the
slave LT8392 CTRL pin.
PGOOD: Power Good Open Drain Output. The PGOOD
pin is pulled low when the FB pin is within ±8% of the
final regulation voltage. To function, the pin requires an
external pull-up resistor.
SS: Soft-Start Timer Setting. The SS pin is used to set
soft-start timer by connecting a capacitor to ground. An
internal 12.5µA pull-up current charging the external SS
capacitor gradually ramps up FB regulation voltage. A
0.1µF capacitor is recommended on this pin. Any UVLO or
thermal shutdown immediately pulls SS pin to ground and
stops switching. Using a single resistor from SS to VREF,
the LT8392 can be set in three different fault protection
modes during output short-circuit condition: hiccup (no
resistor), latch-off (499kΩ), and keep-running (100kΩ).
See more details in the Application Information section.
PIN FUNCTIONS
FB: Voltage Loop Feedback Input. The FB pin is used for
constant-voltage regulation and output fault protection. The
internal error amplifier with its output VC regulates VFB to
1.00V through the DC/DC converter. During output short-cir-
cuit (VFB < 0.25V) condition, the part gets into one fault mode
per customer setting. During an overvoltage (VFB > 1.08V)
condition, the part turns off all TG1, BG1, TG2, and BG2.
VC: Error Amplifier Output to Set Inductor Current
Comparator Threshold. The VC pin is used to compensate
the control loop with an external RC network.
RT: Switching Frequency Setting. Connect a resistor from
this pin to ground to set the internal oscillator frequency
from 150kHz to 650kHz.
SYNC/SPRD: Switching Frequency Synchronization or
Spread Spectrum. Ground this pin for switching at inter-
nal oscillator frequency. Apply a clock signal for external
frequency synchronization. Tie to INTVCC for ±15% trian-
gle spread spectrum around internal oscillator frequency.
EXTVCC: Second Input Supply for Powering INTVCC. The part
intelligently chooses either VIN or EXTVCC for INTVCCLDO to
improve efficiency. See EXTVCCConnectionintheApplications
Information Section. Tie this pin ground if not used.
VOUT: Output Supply. The VOUT pin must be tied to the
power output to determine the buck, buck-boost, or boost
operation regions. Locally bypass this pin to ground with
a minimum 1µF ceramic capacitor.
TG2: Boost Side Top Gate Drive. Drives the gate of boost
side top N-Channel MOSFET with a voltage swing from
SW2 to BST2.
SW2: Boost Side Switch Node.
BST2: Boost Side Bootstrap Floating Driver Supply. The
BST2 pin has an integrated bootstrap Schottky diode from
the INTVCC pin and requires an external bootstrap capac-
itor to the SW2 pin.
BG2: Boost Side Bottom Gate Drive. Drives the gate of
boost side bottom N-Channel MOSFET with a voltage
swing from ground to INTVCC.
GND (Exposed Pad): Ground. Solder the exposed pad
directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com