Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3758 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3758
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3758 Datasheet HTML 14Page - Analog Devices LT3758 Datasheet HTML 15Page - Analog Devices LT3758 Datasheet HTML 16Page - Analog Devices LT3758 Datasheet HTML 17Page - Analog Devices LT3758 Datasheet HTML 18Page - Analog Devices LT3758 Datasheet HTML 19Page - Analog Devices LT3758 Datasheet HTML 20Page - Analog Devices LT3758 Datasheet HTML 21Page - Analog Devices LT3758 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT8392
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Power MOSFET Selection
The LT8392 requires four external N-channel power
MOSFETs, two for the top switches (switches A and D
shown in Figure  1) and two for the bottom switches
(switches B and C shown in Figure 1). Important param-
eters for the power MOSFETs are the breakdown voltage
VBR(DSS), threshold voltage VGS(TH), on-resistance
RDS(ON), reverse transfer capacitance CRSS and maximum
current IDS(MAX).
Since the gate drive voltage is set by the 5V INTVCC
supply, logic-level threshold MOSFETs must be used in
LT8392 applications. Switching four MOSFETs at higher
frequency like 2MHz, the substantial gate charge current
from INTVCC can be estimated as:
IINTVCC = f • QgA + QgB + QgC + QgD
(
)
where:
f is the switching frequency
QgA, QgB, QgC, QgD are the total gate charges of
MOSFETs A, B, C, D
Make sure the total required INTVCC current not exceeding
the INTVCC current limit in the data sheet.
The LT8392 uses the VIN/VOUT ratio to transition between
modes and regions. Bigger IR drop in the power path
caused by improper MOSFET and inductor selection may
prevent the LT8392 from smooth transition. To ensure
smooth transitions between buck, buck-boost, and boost
modes of operation, choose low RDS(ON) MOSFETs and
low DCR inductor to satisfy:
IOUT(MAX) ≤
0.025 • VOUT
RA,B +RC,D +RSENSE +RL
where:
RA,B is the maximum RDS(ON) of MOSFETs A or B
at 25°C
Figure 11. Normalized RDS(ON) vs Temperature
RC,D is the maximum RDS(ON) of MOSFETs C or D
at 25°C
RL is the maximum DCR resistor of inductor at 25°C
The RDS(ON) and DCR increase at higher junction
temperatures and the process variation have been
included in the calculation above.
In order to select the power MOSFETs, the power dis-
sipated by the device must be known. For switch A, the
maximum power dissipation happens in boost region,
when it remains on all the time. Its maximum power dis-
sipation at maximum output current is given by:
PA(BOOST) =
IOUT(MAX) • VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
2
•
ρT •RDS(ON)
where ρT is a normalization factor (unity at 25°C) account-
ing for the significant variation in on-resistance with tem-
perature, typically 0.4%/°C as shown in Figure 11. For a
maximum junction temperature of 125°C, using a value
of ρT = 1.5 is reasonable.
Switch B operates in buck region as the synchronous
rectifier. Its power dissipation at maximum output cur-
rent is given by:
PB(BUCK) =
VIN − VOUT
VIN
•IOUT(MAX)
2 • ρT •RDS(ON)
JUNCTION TEMPERATURE (°C)
–50
1.0
1.5
150
8392 F11
0.5
0
0
50
100
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com