Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130 Datasheet(PDF) 56 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 56 Page - ams AG

Back Button AS1130 Datasheet HTML 52Page - ams AG AS1130 Datasheet HTML 53Page - ams AG AS1130 Datasheet HTML 54Page - ams AG AS1130 Datasheet HTML 55Page - ams AG AS1130 Datasheet HTML 56Page - ams AG AS1130 Datasheet HTML 57Page - ams AG AS1130 Datasheet HTML 58Page - ams AG AS1130 Datasheet HTML 59Page - ams AG AS1130 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
Page 56
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Pack age Drawings & Mark ings
Figure 58:
28-Pin SSOP Package
Note(s):
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angles in degrees.
3. N is the total number of terminals.
REF
MIN
NOM
MAX
A
1.73
1.86
1.99
A1
0.05
0.13
0.21
A2
1.68
1.73
1.78
b
0.22
0.30
0.38
c
0.09
0.17
0.25
D
9.90
10.20
10.50
E
7.40
7.80
8.20
REF
MIN
NOM
MAX
E1
5.00
5.30
5.60
e0.65 BSC
L
0.55
0.75
0.95
L1
1.25 REF
L2
0.25 BSC
R0.09
-
-
Θ
0°
4°
8°
N28
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com