Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130 Datasheet(PDF) 36 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 36 Page - ams AG

Back Button AS1130 Datasheet HTML 32Page - ams AG AS1130 Datasheet HTML 33Page - ams AG AS1130 Datasheet HTML 34Page - ams AG AS1130 Datasheet HTML 35Page - ams AG AS1130 Datasheet HTML 36Page - ams AG AS1130 Datasheet HTML 37Page - ams AG AS1130 Datasheet HTML 38Page - ams AG AS1130 Datasheet HTML 39Page - ams AG AS1130 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
Page 36
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
Control-Registers
The AS1130 device contains 14 control registers which are listed
in Figure 38. All registers are selected using a 8-bit address
word, and communication is done via the serial interface. Select
the Control Register via the Register Selection (see Figure 31).
The Control Register is selected via data 192 on addr 253.
Figure 38:
Control Register Address Map
Register Name
HEX
Register Address
Register Data
A7
A6
A5
A4
A3
A2
A1
A0
D7:D0
Picture
0x00
0
0
0
0
000
0
See Figure 39
Movie
0x01
0
0
0
0
0
0
0
1
See Figure 40
Movie Mode
0x02
0
0
0
0
0
0
1
0
See Figure 41
Frame Time / Scroll
0x03
0
0
0
0
0
0
1
1
See Figure 42
Display Option
0x04
0
0
0
0
0
1
0
0
See Figure 43
Current Source
0x05
0
0
0
0
0
1
0
1
See Figure 44
AS1130 Config
0x06
0
0
0
0
0
1
1
0
See Figure 45
Interrupt Mask
0x07
0
0
0
0
011
1
See Figure 46
Interrupt Frame
Definition
0x08
0
0
0
0
100
0
See Figure 47
Shutdown &
Open/Short
0x09
0
0
0
0
100
1
See Figure 48
I²C Interface
Monitoring
0x0A
0
0
0
0
1
0
1
0
See Figure 49
CLK Synchronization
0x0B
0
0
0
0
1
0
1
1
See Figure 50
Interrupt Status
0x0E
0
0
0
0
1
1
0
0
See Figure 51
AS1130 Status
0x0F
0
0
0
0
1
1
0
1
See Figure 52
Open LED
0x20
0
0
1
0
000
0
See Figure 53
........................
0x37
0
0
1
1
011
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com