Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130 Datasheet(PDF) 38 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 38 Page - ams AG

Back Button AS1130 Datasheet HTML 34Page - ams AG AS1130 Datasheet HTML 35Page - ams AG AS1130 Datasheet HTML 36Page - ams AG AS1130 Datasheet HTML 37Page - ams AG AS1130 Datasheet HTML 38Page - ams AG AS1130 Datasheet HTML 39Page - ams AG AS1130 Datasheet HTML 40Page - ams AG AS1130 Datasheet HTML 41Page - ams AG AS1130 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Page 38
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
Movie Register (0x01)
In this register it must be set if a movie is to display on the LED
matrix or not. Also the address of the first frame in the movie
needs be set within this register. The default setting of this
register is 0x00.
Figure 40:
Movie Register Format
Note(s):
1. The display_movie bit (bit 6 in Movie Register) has higher priority than the display_pic bit (bit 6 in Picture Register).
0x01 Movie Register
Bit
Bit Name
Default
Access
Bit Description
7
blink_movie
0
R/W
All LEDs in blink mode during play movie
0: No blink
1: All LEDs blink
6
display_movie
0
R/W
0: No movie
1: Start movie
5:0
movie_addr
000000
R/W
Address of first frame in movie
000000: Frame 0
000001: Frame 1
000010: Frame 2
000011: Frame 3
000100: Frame 4
000101: Frame 5
...............
100000: Frame 32
100001: Frame 33
100010: Frame 34
100011: Frame 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com