Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130 Datasheet(PDF) 27 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 27 Page - ams AG

Back Button AS1130 Datasheet HTML 23Page - ams AG AS1130 Datasheet HTML 24Page - ams AG AS1130 Datasheet HTML 25Page - ams AG AS1130 Datasheet HTML 26Page - ams AG AS1130 Datasheet HTML 27Page - ams AG AS1130 Datasheet HTML 28Page - ams AG AS1130 Datasheet HTML 29Page - ams AG AS1130 Datasheet HTML 30Page - ams AG AS1130 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
ams Datasheet
Page 27
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
5
0x0A
0
0
0
0
1
0
1
0
LED
57
LED
56
LED
55
LED
54
LED
53
LED
52
LED
51
LED
50
0x0B
0
0
0
0
1
0
1
1
X
X
X
X
X
LED
5A
LED
59
LED
58
6
0x0C
0
000
110
0
LED
67
LED
66
LED
65
LED
64
LED
63
LED
62
LED
61
LED
60
0x0D
0
000
110
1X
X
X
X
X
LED
6A
LED
69
LED
68
7
0x0E
0
0
0
0
1
1
1
0
LED
77
LED
76
LED
75
LED
74
LED
73
LED
72
LED
71
LED
70
0x0F
0
0
0
0
1
1
1
1
X
X
X
X
X
LED
7A
LED
79
LED
78
8
0x10
0
001
000
0
LED
87
LED
86
LED
85
LED
84
LED
83
LED
82
LED
81
LED
80
0x11
0
001
000
1X
X
X
X
X
LED
8A
LED
89
LED
88
9
0x12
0
0
0
1
0
0
1
0
LED
97
LED
96
LED
95
LED
94
LED
93
LED
92
LED
91
LED
90
0x13
0
0
0
1
0
0
1
1
X
X
X
X
X
LED
9A
LED
99
LED
98
A
0x14
0
001
010
0
LED
A7
LED
A6
LED
A5
LED
A4
LED
A3
LED
A2
LED
A1
LED
A0
0x15
0
001
010
1X
X
X
X
X
LED
AA
LED
A9
LED
A8
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com