Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130 Datasheet(PDF) 53 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 53 Page - ams AG

Back Button AS1130 Datasheet HTML 49Page - ams AG AS1130 Datasheet HTML 50Page - ams AG AS1130 Datasheet HTML 51Page - ams AG AS1130 Datasheet HTML 52Page - ams AG AS1130 Datasheet HTML 53Page - ams AG AS1130 Datasheet HTML 54Page - ams AG AS1130 Datasheet HTML 55Page - ams AG AS1130 Datasheet HTML 56Page - ams AG AS1130 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
ams Datasheet
Page 53
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Typical Application
Figure 55:
Scrolling
Figure 56:
Ticker Application with 5x96 LED Matrix
AS1130
CIN
GND
CS0 .. 11
VDD
SDA
SCL
RSTN
2.7V to 5.5V
12
ADDR
SYNC_IN
R1
AS1130
CIN
GND
CS0 .. 11
VDD
SDA
SCL
RSTN
2.7V to 5.5V
12
ADDR
SYNC_IN
R1
AS1130
CIN
GND
CS0 .. 11
VDD
SDA
SCL
RSTN
2.7V to 5.5V
12
ADDR
SYNC_IN
R1
AS1130
CIN
GND
CS0 .. 11
VDD
SDA
SCL
RSTN
2.7V to 5.5V
12
ADDR
SYNC_OUT
R1
scroll directions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com