Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130 Datasheet(PDF) 41 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 41 Page - ams AG

Back Button AS1130 Datasheet HTML 37Page - ams AG AS1130 Datasheet HTML 38Page - ams AG AS1130 Datasheet HTML 39Page - ams AG AS1130 Datasheet HTML 40Page - ams AG AS1130 Datasheet HTML 41Page - ams AG AS1130 Datasheet HTML 42Page - ams AG AS1130 Datasheet HTML 43Page - ams AG AS1130 Datasheet HTML 44Page - ams AG AS1130 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
ams Datasheet
Page 41
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
Display Option Register (0x04)
In this register the number of loops in a movie are defined. With
the scan-limit it can be controlled how many digits are
displayed in each matrix. When all 12 digits in the matrix are
displayed, the display scan rate is 430Hz (typ.). If the number of
digits to display is reduced, the update frequency is increased.
Per default this register is set to 0x20.
Figure 43:
Display Option Register Format
Note(s):
1. To stop a movie in play endless mode, bits D7:D5 have to be set to a value between 000 to 110.
0x04 Display Option Register
Bit
Bit Name
Default
Access
Bit Description
7:5
loops
001
R/W
Number of loops played in one movie
000: Not valid
001: 1 loop
010: 2 loops
011: 3 loops
100: 4 loops
101: 5 loops
110: 6 loops
111: play movie endless (needs to be reset to 0-6 to
stop movie); for scroll endless set bit end_last = ‘0’
4
blink_freq
0
R/W
Blink period
0: 1.5s
1: 3s
3:0
scan_limit
0000
R/W
Number of displayed segments in one frame
(scan-limit)
0000: CS0
0001: CS0 to CS1
0010: CS0 to CS2
0011: CS0 to CS3
0100: CS0 to CS4
0101: CS0 to CS5
0110: CS0 to CS6
0111: CS0 to CS7
1000: CS0 to CS8
1001: CS0 to CS9
1010: CS0 to CS10
1011: CS0 to CS11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com