Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS300 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # CS300
Description  Clock Smoother
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CS300 Datasheet(HTML) 5 Page - Vectron International, Inc

  CS300 Datasheet HTML 1Page - Vectron International, Inc CS300 Datasheet HTML 2Page - Vectron International, Inc CS300 Datasheet HTML 3Page - Vectron International, Inc CS300 Datasheet HTML 4Page - Vectron International, Inc CS300 Datasheet HTML 5Page - Vectron International, Inc CS300 Datasheet HTML 6Page - Vectron International, Inc CS300 Datasheet HTML 7Page - Vectron International, Inc CS300 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The Standard ship method for volume production of the CS-300 series is in a matrix tray. These
trays are 100% recyclable. The trays also offer the added feature that they can be continuously
feed into a pick-n-place machine eliminating the down time required with tape-n-reel.
Although protection circuitry has been
designed into this device, proper precautions
should be taken to avoid exposure to
electrostatic discharge (ESD) during handling
and mounting. VI employs a human-body
model (HBM) and a charged-device model
(CDM) for ESD-susceptibility testing and
protection design evaluation. ESD voltage
thresholds are dependent on the circuit
parameters used to define the mode.
Although no industry-wide standard has been
adopted for the CDM, a standard HBM
(resistance = 1500 ohms, capacitance =
100pf) is widely used and therefore can be
used for comparison purposes. The HBM
ESD threshold presented here was obtained
by using these circuit parameters.
ESD Threshold Voltage
Model
Threshold
Unit
Human-Body (HBM)
Charged-Device
500
500
V min
V min
0.85
0.125
0.16
0.125
VI - Logo
This Cell only
4.00
0.125
12 15/16
0.235
0.235
3 x 12 Array / 36 units per tray
1.05
0.255“deep
Pin 1
This Corner



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com