Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS300 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # CS300
Description  Clock Smoother
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CS300 Datasheet(HTML) 7 Page - Vectron International, Inc

  CS300 Datasheet HTML 1Page - Vectron International, Inc CS300 Datasheet HTML 2Page - Vectron International, Inc CS300 Datasheet HTML 3Page - Vectron International, Inc CS300 Datasheet HTML 4Page - Vectron International, Inc CS300 Datasheet HTML 5Page - Vectron International, Inc CS300 Datasheet HTML 6Page - Vectron International, Inc CS300 Datasheet HTML 7Page - Vectron International, Inc CS300 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Q1: What are the different input frequencies available?
A: The CS-300 is able to handle any input frequency between 10 MHz and 700 MHz.
(A list of standard frequencies is available on page 8.)
Q2: How many different input frequencies can a specific CS-300 accept?
A: Each CS-300 can be programmed to accept up to 2 different input frequencies.
Q3: If there is only one set of input pins, how can your unit accept 2 different frequencies?
A: The customer is required to supply a multiplexer which would switch between the
different input frequencies. The multiplexers’select pin would need to be sync’d to
the select pin of the CS-300.
Q4: What is the lock time for the CS-300?
A: The exact lock time will depend on the specific input frequency. It should be noted that
in all cases the lock time will be significantly less than 1 second.
Q5: What type of noise on the supply line can the CS-300 suppress?
A: The CS-300 is designed to clean up noise on the Input Clock Signal, it is not designed
to clean up noisy power supplies. If excessive noise is present on the supply line it
may degrade the output jitter performance. Additional external filtering may be
required. Please consult with your power supply vendor on the best way to filter noise
of your supply line.
FAQ’s
Turret Terminal 4 Places
Edge
Mount
SMA
3 Places
Jumper Sockets 3 Places
Enable / Disable
Frequency Select A & B
Output
Frequency
LED
Lights
Up
When
Locked
Input
Frequency
Evaluation Board
Evaluation
boards are
available
upon
request.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com