Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS300 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # CS300
Description  Clock Smoother
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CS300 Datasheet(HTML) 2 Page - Vectron International, Inc

  CS300 Datasheet HTML 1Page - Vectron International, Inc CS300 Datasheet HTML 2Page - Vectron International, Inc CS300 Datasheet HTML 3Page - Vectron International, Inc CS300 Datasheet HTML 4Page - Vectron International, Inc CS300 Datasheet HTML 5Page - Vectron International, Inc CS300 Datasheet HTML 6Page - Vectron International, Inc CS300 Datasheet HTML 7Page - Vectron International, Inc CS300 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4.75
3.135
Operating Temperature
Temp Range C =
0ºC to +70ºC
Temp Range F = -40ºC to +85ºC
Supply Voltage,
C = 5 Vdc
D = 3.3 Vdc
Supply Current
5 Vdc
3.3 Vdc
Input Signal,
F = Comp PECL
Output
F = Comp PECL
Output Symmetry
Rise / Fall Time (20% to 80% @ 622.08 MHz)
Jitter Generation, rms(cycle to cycle method)
Input Frequency Tracking Capability
(Can translate a Stratum 1,2,3,3E,4
or SONET Min source)
See page 3 for outline Drawings and Dimensions
5.00
3.30
Vcc
Vcc
5.25
3.465
Vdc
Vdc
Icc
Icc
135
115
200
200
mA
mA
CLKIN
PECL
---
---
155.52 MHz
800 MHz
---
tR/tF
400
ps
45
Sym
55
%
3
ps
APR
+/-40
ppm
Size
Vectron's CS-300 is a SAW based Clock Smoother and Frequency Translator which is used to
“clean up“noisy input frequencies. This series can accept any input frequency from 10 MHz to
700 MHz and then “cleans up“up the signal to provide an ultra low jitter output signal. The output
jitter of this unit is well below the requirements of OC-192.
The CS-300 also has the ability to translate either one or two different input frequencies between
10 MHz and 700 MHz to one common output frequency, such as input frequencies of 622.08 MHz
and 666.5143 MHz translated to an output frequency of 622.08 MHz. This unit is of particular
interest to those working with FEC applications or needing to switch between 10G and OC-192.
The "Input Frequency Tracking Capability" is the total amount of frequency deviation on the input
signal that the CS-300 is guaranteed to track. As an example, a typical input clock would be
622.08 MHz ± 20 ppm. The CS-300 is guaranteed to track at least ±40 ppm of error over
temperature/ aging/ power supply and is more than twice what most applications require.
250
VOH @ +25ºC
VOL @ +25ºC
VOL
Vcc-1.95
Vcc-1.63
V
VOH
Vcc-0.98
Vcc-0.75
V
Jitter Generation, rms (12kHz to 20MHz)
0.23
ps
49/51
PECL
1.0
Jitter Transfer, GR-253-CORE section 5.6.2.1.2
0.1
dB
10 MHz
700 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com