Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS300 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # CS300
Description  Clock Smoother
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CS300 Datasheet(HTML) 3 Page - Vectron International, Inc

  CS300 Datasheet HTML 1Page - Vectron International, Inc CS300 Datasheet HTML 2Page - Vectron International, Inc CS300 Datasheet HTML 3Page - Vectron International, Inc CS300 Datasheet HTML 4Page - Vectron International, Inc CS300 Datasheet HTML 5Page - Vectron International, Inc CS300 Datasheet HTML 6Page - Vectron International, Inc CS300 Datasheet HTML 7Page - Vectron International, Inc CS300 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CLKIN Q
Input Frequency (Q)
1
CLKIN Q
Complementary Input Frequency (Q)
2
LD
(Output)
Lock Detect
Logic "1" indicates a locked condition.
Logic "0" indicates an out of lock condition.
3
Monitor
(Output)
PLL/ VCXO control voltage
Under locked conditions, should be >0.3V and <3.0V for the 3.3 volt option or >0.5V and <4.5V for
the 5 volt option. Input frequency may be out of range if voltage exceeds these limits.
4
----
Missing
5
NC
No Connection
6
GND
Ground
7
Disable
(Input)
Floating = Output enabled
Logic "0" = Output disabled
8
OUT
Output (Q)
9
COUT
Complementary Output (Q)
10
NC
No Connection
11
Freq. Select
“0”= Primiary Frequncey
“1”= Secondary Frequency (Do not Exceed Vdd)
12
NC
No Connection
13
NC
No Connection
14
GND
Ground
15
Vcc
5 Vdc or 3.3 Vdc
16
6.35
(0.25)
3.81
(0.15)
17.78
(0.70)
20.32
(0.80)
2.54
(0.10)
25.4
(1.00)
1.73
(0.068)
1.73
(0.068)
1.01
(0.040)
mm
(in)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com