Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS300 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # CS300
Description  Clock Smoother
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CS300 Datasheet(HTML) 8 Page - Vectron International, Inc

  CS300 Datasheet HTML 1Page - Vectron International, Inc CS300 Datasheet HTML 2Page - Vectron International, Inc CS300 Datasheet HTML 3Page - Vectron International, Inc CS300 Datasheet HTML 4Page - Vectron International, Inc CS300 Datasheet HTML 5Page - Vectron International, Inc CS300 Datasheet HTML 6Page - Vectron International, Inc CS300 Datasheet HTML 7Page - Vectron International, Inc CS300 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Primary Input Frequency (C4 to R4)
See Frequency Chart Above
*If not listed enter SS in this block and then list
the frequency after the part number.
Secondary Input Frequency (D2 to R4)
See Frequency Chart Above
For only one input frequency place XX in this block.
*If not listed enter SS in this block and then list the
frequency after the part number.
If a secondary frequency is chosen it must be larger
than the primary frequency.
CS - 300 - D F C - P2 XX P2
Supply Voltage
C = 5 Vdc +/-5%
D = 3.3 Vdc +/-5%
Output Frequency - 1 (M2 to T4)
See Frequency Chart Above
*Consult factory about availability of
non-standard output frequencies.
Output Type
F = Comp. PECL
Temperature Range
C = 0 to +70 C
F = -40 to +85 C
Note: The Primary Input frequency
must be less than Secondary Input
frequency.
*A special part number will be assigned for these cases.
www.vectron.com
10.000 MHz
C4
12.800 MHz
D2
13.000 MHz
D3
15.000 MHz
D4
16.384 MHz
D5
19.440 MHz
D6
20.0000 MHz
E2
20.1416 MHz
E3
20.4800 MHz
E4
22.2171 MHz
E5
26.0000 MHz
F3
27.0000 MHz
F4
29.4912 MHz
F5
32.7680 MHz
H3
37.0560 MHz
H4
38.8800 MHz
H5
44.4343 MHz
J2
44.7360 MHz
J3
51.8400 MHz
J4
61.4400 MHz
J5
65.5360 MHz
J6
77.7600 MHz
K2
78.1250 MHz
K3
78.6432 MHz
K5
82.9440 MHz
K6
112.000 MHz
L2
114.000 MHz
L3
125.000 MHz
L4
139.264 MHz
L5
155.520 MHz
M2
156.250 MHz
M3
161.1328 MHz
M4
166.6286 MHz
M5
167.3316 MHz
N2
168.0407 MHz
N3
622.0800 MHz
P2
625.0000 MHz
P3
644.5313 MHz
P4
666.5143 MHz
P5
669.1281 MHz
R2
669.3266 MHz
R3
690.5692 MHz
R4
710.9486 MHz
T2
719.7344 MHz
T3
777.6000 MHz
T4
No Second Input Freq XX
Input Freq not listed
SS
Output Freq not listed SS
624.7048 MHz
P6
627.3296 MHz
P7
311.0400 MHz
P1
672.1627 MHz
R5
74.1250 MHz
K1
74.2500 MHz
K7
669.6428 MHz
R1
693.4830 MHz
R6
Tel: 49 (0) 3328 4784 17 * Fax: 49 (0) 3328 4784 30
Tel: +86 21 28909740 / 41 / 42 Fax: +86 21 28909240 / 28909999



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com