Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS300 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # CS300
Description  Clock Smoother
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CS300 Datasheet(HTML) 6 Page - Vectron International, Inc

  CS300 Datasheet HTML 1Page - Vectron International, Inc CS300 Datasheet HTML 2Page - Vectron International, Inc CS300 Datasheet HTML 3Page - Vectron International, Inc CS300 Datasheet HTML 4Page - Vectron International, Inc CS300 Datasheet HTML 5Page - Vectron International, Inc CS300 Datasheet HTML 6Page - Vectron International, Inc CS300 Datasheet HTML 7Page - Vectron International, Inc CS300 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Input
Frequency
Q
Q
Q
Q
Input
Select
A) 622.08 MHz
B) 666.5143 MHz
1) 622.08 MHz
Input Signal
Output Signal
Input
Select
0
1
Description of Action
A to 1 :Translates 622.08 MHz to 622.0800 MHz
B to 1 :Translates 666.5143 MHz to 622.08 MHz
All components outside the dotted line box are user supplied components and/or connections. This is just one possible
configuration of the CS-300. For additional information about your specific needs please contact our Factory.
Loop Filter
Disable
Lock Detect
CS-300
Phase Freq
Detector
VCXO Monitor
Frequency
Divider
Microprocessor
Frequency
Divider
Q
Q
PECL
VCSO
VCC
*
(Fout)
(2,7,15)
(9)
(16)
* *
Loop Filter
Disable
Lock Detect
CS-300
Phase Freq
Detector
PECL
VCSO
VCXO Monitor
Frequency
Divider
Microprocessor
Frequency
Divider
Input
Frequency
Frequency
Select
Q
Q
(10)
50 ohms
50 ohms
All components outside the dotted line box are user supplied
components and/or connections. This is just one possible
configuration of the CS-300. For additional information about your
specific needs please contact our Factory.
*Note: VI highly recommends either a linear
regulator or bypass capacitors; 10 uF, 0.1 uF
and a 100pF capacitor would be typical.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com