Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4200ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4200ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4200ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4200ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
(VCC = +5V, VEE = -5V, RL = 100Ω for MAX4200/MAX4201/MAX4203/MAX4204, RL = 150Ω for MAX4202/MAX4205, unless otherwise
noted.)
IN
VOLTAGE
1V/div
OUT
GND
GND
TIME (5ns/div)
MAX4200/MAX4203
LARGE-SIGNAL PULSE RESPONSE
MAX4200-25
CLOAD = 15pF
IN
VOLTAGE
1V/div
OUT
GND
GND
TIME (5ns/div)
MAX4201/MAX4202/MAX4204/MAX4205
LARGE-SIGNAL PULSE RESPONSE
MAX4200-26
CLOAD = 22pF
1.0
2.0
1.5
3.0
2.5
3.5
4.0
-40
10
-15
35
60
85
SUPPLY CURRENT (PER BUFFER)
vs. TEMPERATURE
TEMPERATURE (°C)
-5
-2
-3
-4
-1
0
1
2
3
4
5
-40
10
-15
35
60
85
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-5
-2
-3
-4
-1
0
1
2
3
4
5
-40
10
-15
35
60
85
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
3.0
3.2
3.6
3.4
3.8
4.0
-40
10
-15
35
60
85
MAX4200/MAX4203
OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (°C)
RL = 100Ω
RL = 150Ω
MAX4200–MAX4205
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com