Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4200ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4200ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4200ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4200ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX4200–MAX4205 are ultra-high-speed, open-
loop buffers featuring high slew rate, high output current,
low noise, and excellent capacitive-load-driving capability.
The MAX4200/MAX4201/MAX4202 are single buffers,
while the MAX4203/MAX4204/MAX4205 are dual buffers.
The MAX4201/MAX4204 have integrated 50Ω termination
resistors, making them ideal for driving 50Ω transmission
lines. The MAX4202/MAX4205 include 75Ω back-
termination resistors for driving 75Ω transmission lines.
The MAX4200/MAX4203 have no internal termination
resistors.
The MAX4200–MAX4205 use a proprietary architecture
to achieve up to 780MHz -3dB bandwidth, 280MHz 0.1dB
gain flatness, 4200V/μs slew rate, and ±90mA output current
drive capability. They operate from ±5V supplies and draw
only 2.2mA of quiescent current. These features, along
with low-noise performance, make these buffers suitable
for driving high-speed analog-to-digital converter (ADC)
inputs or for data-communications applications.
Features
● 2.2mA Supply Current
● High Speed
• 780MHz -3dB Bandwidth (MAX4201/MAX4202)
• 280MHz 0.1dB Gain Flatness (MAX4201/MAX4202)
• 4200V/μs Slew Rate
● Low 2.1nV/√Hz Voltage-Noise Density
● Low 0.8pA/√Hz Current-Noise Density
● High ±90mA Output Drive (MAX4200/MAX4203)
● Excellent Capacitive-Load-Driving Capability
● Available in Space-Saving SOT23 or μMAX®
Packages
Applications
● High-Speed DAC Buffers
● Wireless LANs
● Digital-Transmission Line Drivers
● High-Speed ADC Input Buffers
● IF/Communications Systems
19-1338; Rev 4; 12/17
μMAX is a registered trademark of Maxim Integrated Products, Inc.
Click
here for production status of specific part numbers.
MAX4201
REXT*
50Ω
*RL = RT + REXT
RT*
50Ω
50Ω CABLE
OUT
IN
COAXIAL CABLE DRIVER
MAX4200–MAX4205
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
Typical Application Circuit


Similar Part No. - MAX4200ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4200ESA MAXIM-MAX4200ESA Datasheet
176Kb / 12P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
More results

Similar Description - MAX4200ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4200 MAXIM-MAX4200 Datasheet
176Kb / 12P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Unisonic Technologies
L1127 UTC-L1127 Datasheet
178Kb / 5P
ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
logo
Renesas Technology Corp
UPC4572MF-DAA RENESAS-UPC4572MF-DAA Datasheet
327Kb / 12P
Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band,
Jul 25, 2012
logo
Unisonic Technologies
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com